Electronic Components Datasheet Search
  English  ▼

X  

10G09 Datasheet(PDF) 4 Page - MEC Marcom Electronic Components Ltd.

Part # 10G09
Description  HIGHLY RELIABLE TACTILE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

10G09 Datasheet(HTML) 4 Page - MEC Marcom Electronic Components Ltd.

  10G09 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 10G09 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 10G09 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd. 10G09 Datasheet HTML 4Page - MEC Marcom Electronic Components Ltd. 10G09 Datasheet HTML 5Page - MEC Marcom Electronic Components Ltd. 10G09 Datasheet HTML 6Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Colour code
00 blue
03 grey
08 red
09 black
36 signal white
ultramecTM 6C
ELECTRICAL SPECIFICATIONS
Contact resistance
<50mΩ
Insulation resistance
>10MΩ
Recommended resistive load
0,5-50mA 24VDC
Contact bounce
<2ms
Dielectric strength
250V
MECHANICAL SPECIFICATIONS
Standard actuation force:
Before soldering:
4.2N +/- 1.0N
After soldering:
3.7N +/- 0.7N
Max. actuation force
100N for 10 sec
Key travel
0.3mm +/- 0.15mm
Lifetime
3.000.000 cycles
TEMPERATURE RANGE
Operating temperature
-40/+85°C
Storage temperature
-40/+85°C
SOLDERING (SMD)
JEDEC J-STD-020C
Sealing IEC 529
IP67
MATERIAL SPECIFICATIONS - SWITCHES
Housing
PPS
Actuator
Silicon
Contact dome
Stainless steel
Fixed contacts
CuZn +1µNi + 4µAg
Terminals
CuZn +1µNi
PANEL MOUNTED SWITCHES PCB MOUNTED SWITCHES JOYSTICKS
SWITCH PANELS LED INDICATORS
NEW SWITCH FAMILY
THIS IS JUST THE
BEGINNING
Ultramec™ is a whole new switch family
designed and produced by MEC Switches in
Denmark. The low profile 6C is just the first one
out of the pipeline.
ONE FOOTPRINT, MANY FUNCTIONS
The keyword for the new switch family is
modularity. Different versions of ultramec use
the same number of terminals and the same
bottom part of the housing, it is the top parts that
define the height, function and options available.
FUTURE OPTIONS
The ten terminals are designed to adapt to
evolving requirements, such as illumination
including RGB option as well as
NC/NO and double pole function.
The future versions of Ultramec™ will be 5G
series snap-action caps.
Only J-bend terminals are offered as a standard
option.
ULTRAMECTM MEANS MODULARITY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com