Electronic Components Datasheet Search
  English  ▼

X  

650 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 650
Description  Series 650 Header Covers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

650 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  650 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series 650
Header Covers
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
FEATURES:
• Aries offers a complete line of DIP headers and covers
useful for mounting components such as resistors,
diodes, etc. Consult Data Sheet 12032 for mating DIP
header information.
• Four cover heights provide mounting of 1/8” [3.18] high
to 3/4” [19.05] high components.
• Pin positions are numbered on cover. Polarization
notch identifies Pin 1.
• Specifically designed to “snap” onto Aries’ Series 600
Headers and Series 675 DIP Program Headers.
SPECIFICATIONS:
• Standard cover is black UL 94V-0 4/6 Nylon.
XX-650-XX
ORDERING INFORMATION
No. of pins on
header
Series
Cover number
(see table)
Cover No.
Max. Component Height
Available Sizes
-10
.125 [3.18]
4-24, 28, 40
-20
.375 [9.53]
14, 16, 24
-30
.500 [12.70]
14, 16
-40
.750 [19.05]
14, 16
All tolerances ± .005 [.13]
unless otherwise specified
-10
-20
-30
-40
Consult Data Sheet No.
12032 for DIP header
information.
Consult Data Sheet No.
16004 for programmable
header information.
.290 dimension for
24, 28, and 40 position
cover only.
14 position shown
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
12033
REV.E
NORTH AMERICA
Frenchtown, NJ USA
TEL: (908) 996-6841
FAX:(908) 996-3891
EUROPE
TEL: +44 870 240 0249
FAX: +44 871 919 6033
europe@arieselec.com
http://www.arieselec.com • info@arieselec.com
abc


Similar Part No. - 650

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
Low Profile
logo
Aries Electronics, Inc.
650 ARIES-650 Datasheet
325Kb / 1P
Pin Positions Numbered on Cover with Identification Polarization Notch
logo
France Joint
650 FRANCEJOINT-650 Datasheet
784Kb / 3P
PISTON SEALS
logo
Abbatron All Rights Res...
650 ABBATRON-650 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Glenair, Inc.
650-061 GLENAIR-650-061 Datasheet
234Kb / 1P
Rear Panel Mount Dummy Receptacle for 804 Connectors
More results

Similar Description - 650

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
Protective Covers
660-019M16S GLENAIR-660-019M16S Datasheet
62Kb / 2P
Protective Covers
660-051XO20R6 GLENAIR-660-051XO20R6 Datasheet
258Kb / 1P
Protective Covers
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
Protective Covers
MS17349C-12A GLENAIR-MS17349C-12A Datasheet
76Kb / 1P
Protective Covers
logo
Aries Electronics, Inc.
04-650-10 ARIES-04-650-10 Datasheet
133Kb / 1P
Header Covers
12033 ARIES-12033 Datasheet
384Kb / 1P
Header Covers
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Entegris, Inc
H20-02-1201 ENTEGRIS-H20-02-1201 Datasheet
284Kb / 5P
H20 Series Covers
H44 ENTEGRIS-H44 Datasheet
280Kb / 4P
H44 Series Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com