Electronic Components Datasheet Search
  English  ▼

X  

EM350XG Datasheet(PDF) 2 Page - EPCOS

Part # EM350XG
Description  Surge arrester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

EM350XG Datasheet(HTML) 2 Page - EPCOS

  EM350XG Datasheet HTML 1Page - EPCOS EM350XG Datasheet HTML 2Page - EPCOS EM350XG Datasheet HTML 3Page - EPCOS EM350XG Datasheet HTML 4Page - EPCOS EM350XG Datasheet HTML 5Page - EPCOS EM350XG Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surge arrester
B88069X0980T502
2-electrode arrester
EM350XG
PPD AB PD / PPD AB PM
Version: 07 / 2019-03-29
Please read Cautions and warnings and
Page 2 of 6
Important notes at the end of this document.
Features
Applications
Small size
Fast response time
High current handling capability
Stable performance over life
Low capacitance and insertion loss
High insulation resistance
RoHS-compatible
Power supplies
Antenna protection
Air condition
Modem
Consumer electronics
Dataline protection
Electrical specifications
DC spark-over voltage
1) 2)
Tolerance
Min.
Max.
350
±20
280
420
V
%
V
V
Impulse spark-over voltage
at 100 V/µs
- for 99% of measured values
- typical values of distribution
at 1 kV/µs
- for 99% of measured values
- typical values of distribution
< 800
< 700
< 900
< 800
V
V
V
V
Service life
10 operations
50 Hz, 1 s
2.5
A
1 operation
50 Hz, 0.18 s (9 cycles)
5
A
10 operations
8/20 µs
2.5
kA
1 operation
8/20 µs
5
kA
1 operation
10/350 µs
0.5
kA
Insulation resistance at 100 VDC
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
< 0.3
~ 60
V
A
V
Weight
~ 1
g
Operation and storage temperature
−40 ... +125
°C
Climatic category (IEC 60068-1)
40/125/21
Marking, red positive
EM 350 YY O
EM
- Series
350
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and IEC 61643-311.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com