Electronic Components Datasheet Search
  English  ▼

X  

EM3600X Datasheet(PDF) 3 Page - EPCOS

Part # EM3600X
Description  Surge arrester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

EM3600X Datasheet(HTML) 3 Page - EPCOS

  EM3600X Datasheet HTML 1Page - EPCOS EM3600X Datasheet HTML 2Page - EPCOS EM3600X Datasheet HTML 3Page - EPCOS EM3600X Datasheet HTML 4Page - EPCOS EM3600X Datasheet HTML 5Page - EPCOS EM3600X Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Surge arrester
B88069X2311****
2-electrode arrester
EM3600X
PPD AB PD / PPD AB PM
Version: 06 / 2018-08-24
Please read Cautions and warnings and
Page 3 of 6
Important notes at the end of this document.
Marking, red positive
EM 3600 YY O
EM
- Series
3600
- Nominal voltage
YY
- Year of production
O
- Non radioactive
Certifications
UL 1449 (E319264)
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
Test conditions in acc. with MIL-STD-202G at 25 ±5 °C, relative humidity of
≤ 55 % and atmospheric pressure
860 ... 1100mbar.
Terms and current waveforms in accordance with: ITU-T Rec. K. 12; IEC 61643-21; 61643-311.
Dimensional drawing in mm
Ordering code and packing advice
B88069X2311S102 = 100 pcs. on 5 taped stripes B88069X2311T502 = 500 pcs. on tape & reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com