Electronic Components Datasheet Search
  English  ▼

X  

EM500X Datasheet(PDF) 2 Page - EPCOS

Part # EM500X
Description  Surge arrester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

EM500X Datasheet(HTML) 2 Page - EPCOS

  EM500X Datasheet HTML 1Page - EPCOS EM500X Datasheet HTML 2Page - EPCOS EM500X Datasheet HTML 3Page - EPCOS EM500X Datasheet HTML 4Page - EPCOS EM500X Datasheet HTML 5Page - EPCOS EM500X Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surge arrester
B88069X2780S102
2-electrode arrester
EM500X
PPD AB PD / PPD AB PM
Version: 04 / 2019-04-04
Please read Cautions and warnings and
Page 2 of 6
Important notes at the end of this document.
Features
Applications
Small size
Fast response time
High current handling capability
Stable performance over service life
Low capacitance and insertion loss
High insulation resistance
RoHS-compatible
Power supplies
Antenna protection
Air condition
Modem
Consumer electronics
Dataline protection
Electrical specifications
DC spark-over voltage
1) 2)
Tolerance
Min.
Max.
500
±20
400
600
V
%
V
V
Impulse spark-over voltage
at 100 V/µs
- for 99% of measured values
- typical values of distribution
at 1 kV/µs
- for 99% of measured values
- typical values of distribution
< 950
< 800
< 1050
< 900
V
V
V
V
Service life
10 operations
50 Hz, 1 s
2.5
A
1 operation
50 Hz, 0.18 s (9 cycles)
5
A
10 operations [5× (+) & 5× (–)]
8/20 µs
2.5
kA
1 operation
8/20 µs
5
kA
Insulation resistance at 100 VDC
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
< 0.3
~ 60
V
A
V
Weight
~ 1
g
Operation and storage temperature
−40 ... +125
°C
Climatic category (IEC 60068-1)
40/125/21
Marking, red positive
EM 500 YY O
EM
- Series
500
- Nominal voltage
YY
- Year of production
O
- Non radioactive
Certifications
UL 497B (E163070)
UL 1449 (E319264)
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and IEC 61643-311.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com