Electronic Components Datasheet Search
  English  ▼

X  

SFS5 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SFS5
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SFS5 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 15Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 16Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 17Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 18Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 19Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 20Page - List of Unclassifed Manufacturers SFS5 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Instruction manual
10. Withstand Voltage
SFS5 series are designed to withstand 3KVAC
(10mA) 1 minute between input output for the
withstand voltage test, the applied voltage must
be increased gradually from zero to the testing
value, and then decreased gradually at shut
down. Especially stay away from use of a timer.
Where a pulse of several times the applied
voltage can be generated.
11. No-Load Power Consumption
No-Load power is the energy used by a device
when it is disconnected from it's load and
performing no function.
12. Short Circuit Protection
5. Over Voltage Protection
SFS series are equipped with an over-voltage
protection circuit by zener diode. If zener diode is
opened, Vcc rise up, it becomes possible to
implement an over voltage protection. Ratch on
mode. If zener diode is short, output is shorted.
It becomes possible to implement a short circuit
Protection.
6. Over Temperature Protection
Temperature protection is provided by a precision
analog circuit that turns the output MOSFET off
when the junction temperature exceeds the thermal
shutdown temperature (130℃ Min. , 140℃ Typ. and
70℃ hysteresis). When the junction temperature
cools to below the hysteretic temperature, normal
operation resumes providing automatic recovery.
7. Line Regulation
Maximum
line
regulation
is
maximum
output
voltage change when the input volt is slowly varied
with in the input voltage range.
8. Load Regulation
Maximum load regulation is maximum output
voltage value change when varying the load current
slowly within the standard output current range.
9. Isolation Resistance
The isolation resistance is more than 100MΩ at
500 VDC when tested with DC isolation between the
output and the case. Make sure that during testing,
the isolation tester does not produce a high pulse
when the applied voltage is varied. Ensure that the
tester is fully discharged after the test.
By permanently monitoring the feedback line
activity, the IC is able to detect the presence of
a short-circuit. Immediately reducing the output
power for a total system protection. Once the
short has disappeared, the controller resumes
and goes back to normal operation.
L
N
GND
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com