Electronic Components Datasheet Search
  English  ▼

X  

KSB834W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KSB834W
Description  isc Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSB834W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KSB834W Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSB834W Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Silicon PNP Transistor
KSB834W
www.iscsemi.com
1
FEATURES
· Complement to KSD880W
· 100% avalanche tested
· Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
· Low frequency power amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter peak Voltage
-60
V
VEBO
Emitter-Base Voltage
-60
V
IC
Collector Current-Continuous
-7
A
ICM
Peak Pulse Current
-3
A
PD
Total Power Dissipation@ TC=25℃
30
W
PD
Total Power Dissipation@ Ta=25℃
1.5
W
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃


Similar Part No. - KSB834W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
Low Frequency Power Amplifier
KSB834W FAIRCHILD-KSB834W Datasheet
33Kb / 3P
Low Frequency Power Amplifier
KSB834WYTM FAIRCHILD-KSB834WYTM Datasheet
33Kb / 3P
Low Frequency Power Amplifier
More results

Similar Description - KSB834W

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
isc Silicon PNP Transistor
2SA1013 ISC-2SA1013 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
2SA1283 ISC-2SA1283 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
MMBT2907A ISC-MMBT2907A Datasheet
298Kb / 2P
isc Silicon PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com