Electronic Components Datasheet Search
  English  ▼

X  

SBCT1020 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SBCT1020
Description  Schottky Rectifiers Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SBCT1020 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SBCT1020 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SBCT1020 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifiers Diode
SBCT1020
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· High power dissipation
· Common cathode
APPLICATIONS
· Output Rectification in DC/DC
· Converters and Power Supplies
· Polarity Protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak repetitive Reverse voltage
20
V
VRMS
RMS Voltage
20
V
IF(AV)
Average Forward Rectified Current
10
A
IFSM
Peak Forward Surge Current 8.3ms Single
Half Sine-wave Superimosed on Rated Load
120
A
TJ
Junction temperature
150
℃
Tstg
storage temperature
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
3.0
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Forward voltage
IF= 5A
--
0.55
V
IR
Reverse leakage current
VR = VRRM
--
300
uA


Similar Part No. - SBCT1020

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT1020 DIOTEC-SBCT1020 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
169Kb / 2P
Schottky Barrier Rectifier Diodes
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
More results

Similar Description - SBCT1020

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
Schottky Barrier Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SBT1820 DIOTEC-SBT1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
Schottky Barrier Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
Surface Mount Schottky Rectifiers ??Single Diode
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
Schottky Barrier Rectifiers . Single Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com