| Electronic Components Datasheet Search |
|
PSD512B1 Datasheet(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD512B1 Datasheet(HTML) 98 Page - STMicroelectronics |
|
98 / 153 page ![]() PSD5XX Family 95 General Description The PSD5XX includes logic for sensing, masking, priority decoding and identifying up to eight internal interrupts. The PSD5XX interrupt controller can generate interrupts from two dedicated PPLD product terms, two PPLD Macrocell outputs and four terminal-count outputs of the Counter/Timer unit. The four interrupts generated by the PPLD can be user defined using the WSI PSDsoft Windows compatible PC based software. Figure 45 details the basic building blocks of the PSD5XX Interrupt Controller and Figure 46 shows its interface with other sections of the PSD5XX. Features The PSD5XX interrupt controller has the following features: t Can accept eight interrupt inputs t PPLD product terms, PPLD Macrocell outputs and Terminal Counts (TCs) of Counter/Timers can cause interrupts. t Interrupts generated from the PPLD canbe user defined. t All interrupt inputs are priority decoded, IR7 has highest priority and IR0 the lowest priority. t Each interrupt can be configured as either EDGE or LEVEL sensitive using the EDGE/LEVEL register. t Each interrupt can be individually masked using a mask register. t At RESET all interrupts are MASKED. t Interrupt Request Latch provides the status of all interrupts. t Reading an Interrupt vector location clears the corresponding pending interrupt. t Any of these interrupts trigger a GLOBAL interrupt output available as an output at port E (PE2) and/or as an input to the PPLD. 9.7.1 Interrupt Operation On RESET all Registers and Latches are cleared and all interrupts are masked. During initialization of the interrupt controller, relevant interrupts are un-masked and defined whether EDGE or LEVEL sensitive. When one or more interrupts are raised high, the “interrupt request latch” latches in all the non-masked interrupts. A 3-bit priority encoder assigns the priority to the non-masked pending interrupts. The MCU (microcontroller) can clear the Edge-sensitive pending interrupts by reading the “Interrupt Read Clear Register”. Level-sensitive interrupts continue to be pending even after the MCU reads the “Interrupt Read Clear Register”. The MCU would typically service each interrupt in sequence according to priority. Refer to Table 28 regarding priorities of various interrupts. Any of these interrupts trigger a GLOBAL interrupt output available as an input to the PPLD (INTR2PLD) and as output at port E (PE2). Refer to Figures 45 and 46 for details of the interrupt architecture. Interrupt Priority IR 7 HIGHEST IR 6 ^ IR 5 ^ IR 4 ^ IR 3 ^ IR 2 ^ IR 1 ^ IR 0 LOWEST Table 28. Interrupt Priority Table 9.7 Interrupt Controller |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |