Electronic Components Datasheet Search
  English  ▼

X  

PSD512B1 Datasheet(PDF) 106 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 102Page - STMicroelectronics PSD512B1 Datasheet HTML 103Page - STMicroelectronics PSD512B1 Datasheet HTML 104Page - STMicroelectronics PSD512B1 Datasheet HTML 105Page - STMicroelectronics PSD512B1 Datasheet HTML 106Page - STMicroelectronics PSD512B1 Datasheet HTML 107Page - STMicroelectronics PSD512B1 Datasheet HTML 108Page - STMicroelectronics PSD512B1 Datasheet HTML 109Page - STMicroelectronics PSD512B1 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 153 page
background image
PSD5XX Family
103
The Page Register is 4 bits wide and consists of four D flip flops.The outputs of the Register
(PGR0 – PGR3) are connected to the input bus of the ZPLD. By including the four outputs
as inputs to the DPLD, the addressing capability of the microcontroller is increased by a
factor of 16.
Figure 49 shows the Page Register block diagram. Inputs to the four flip flops are connected
to data bus D0-D3. The output of the Register can be read by the microcontroller. The
Register can operate as an independent register to the microcontroller if page mode is not
implemented.
Figure 49. Page Register
DPLD
RS0
GPLD
PPLD
ZPLD
ES0 – 3
PGR0
PGR1
PGR2
PGR3
R/ W
D0
D0 – D3
D1
D2
D3
Q0
Q1
Q2
Q3
PAGE
REGISTER
RESET
The PSD5XX has a programmable security bit which offers protection from unauthorized
duplication. When the security bit is set, the contents of the EPROM, the PSD5XX
non-volatile configuration bits and ZPLD data are prevented from being read by EPROM
programmers.
The security bit is set through the PSDsoft Software and is embedded in the compiled
output file. The security bit is UV erasable and a secured part can be erased and then
re-programmed.
10.0
Page
Register
11.0
Security
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com