Electronic Components Datasheet Search
  English  ▼

X  

PSD512B1 Datasheet(PDF) 111 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 107Page - STMicroelectronics PSD512B1 Datasheet HTML 108Page - STMicroelectronics PSD512B1 Datasheet HTML 109Page - STMicroelectronics PSD512B1 Datasheet HTML 110Page - STMicroelectronics PSD512B1 Datasheet HTML 111Page - STMicroelectronics PSD512B1 Datasheet HTML 112Page - STMicroelectronics PSD512B1 Datasheet HTML 113Page - STMicroelectronics PSD512B1 Datasheet HTML 114Page - STMicroelectronics PSD512B1 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 153 page
background image
PSD5XX Family
108
12.1 Reset Input
The reset input to the PSD5XX (RESET) is an active low signal which resets some of
the internal devices and configuration registers. The Timing Diagram in the AC/DC
characterization section shows the reset signal timing requirement. The active low range has
a minimum T1 duration. After the rising edge of RESET, the PSD5XX remains in
reset during T2 range. (See Figure 59). The PSD5XX must be reset at power up before it
can be used.
12.2 ZPLD and Memory During Reset
While the Reset Input is active, the ZPLD generates outputs as defined in the PSDabel
equations. The EPROM and SRAM blocks respond to the microcontroller bus cycle during
reset, but the data is not guaranteed.
12.3 Register Values During and After Reset
Table 34 summarizes the status of the volatile register values during and after reset. The
default values of the volatile registers are “0” after reset.
12.4 ZPLD Macrocell Initialization
The D flip flops in the macrocells in the GPLD can be cleared by:
t A product term (.RE) defined by the user, in PSDabel or
t The MACRO-RST (Reset) input, enabled and defined in PSDabel.
The Timer and Interrupt Controller macrocells in the PPLD are always cleared by the
Reset input.
Register Name
Device
Reset State
Control
Port A, B, C, D, E
Set to “0” (Address Out Mode)
Data Out (data or address)
Port A, B, C, D, E
Set to “0”
Direction
Port A, B, C, D, E
Set to “0” – Input Mode
Open Drain
Port C, D
Set to “0” – CMOS Outputs
Page Register
Page Logic
Set to “0”
PMMR0, PMMR1
Power Management Unit
Set to “0”
VM
Volatile Memory
Set to “0”
DLCY
Timer
Set to “0”
CMD0 – CMD3
Timer
Set to “0”, Clear
Status Flags
Timer
Set to “0”, Clear
Global Command
Timer
Set to “0”, Clear
IMG0 – IMG3,
CNTR0 – CNTR3
Timer
Undefined
Interrupt
Interrupt Controller
Set to “0”, Disabled
System
Configuration
(Cont.)
Table 34. Registers Reset Values
Port Configuration
Reset
Standby Mode
Port I/O
Input
Unchanged
ZPLD Output
Active
Depend on Inputs to the ZPLD
Address Out
Tri-stated
Not Defined
Data Port
Tri-stated
Tri-stated
Special Function Out
Tri-stated
Depending on Status of
Clock Input to the Counter/Timer
Peripheral I/O
Tri-stated
Tri-state
Table 35. I/O Pin Status During Reset and Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com