Electronic Components Datasheet Search
  English  ▼

X  

PSD512B1 Datasheet(PDF) 122 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 118Page - STMicroelectronics PSD512B1 Datasheet HTML 119Page - STMicroelectronics PSD512B1 Datasheet HTML 120Page - STMicroelectronics PSD512B1 Datasheet HTML 121Page - STMicroelectronics PSD512B1 Datasheet HTML 122Page - STMicroelectronics PSD512B1 Datasheet HTML 123Page - STMicroelectronics PSD512B1 Datasheet HTML 124Page - STMicroelectronics PSD512B1 Datasheet HTML 125Page - STMicroelectronics PSD512B1 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 153 page
background image
PSD5XX Family
119
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
OFF
*
Unit
fMAX
Maximum Frequency
36.00
30.00
22.00
0
MHz
tCHCL
Clock High Time
10
12
15
0
ns
tCLCH
Clock Low Time
10
12
15
0
ns
tCHPV
Clock to Output Delay
28
30
33
0
ns
tCHPV1
Clock to Watchdog
Output Dealy
50
50
58
Add 10
ns
tLVCH
Input Setup Time
Relative to Rising
Pin Input
15
17
20
Add 10
Clock Edge
(Note 2)
ns
tLVCH1
Input Setup Time
PLD
Relative to Rising
Combinatorial
25
27
31
(Note 2)
ns
Clock Edge
Input
tMIN
Minimum Clock
Period
1/fMAX
28
33
45
0
ns
Counter/Timer Timing (5 V ± 10%)
AC/DC Parameters – ZPLD Timing Parameters (5 V ± 10% Versions)
-70
-90**
-15
ZPLD_TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
OFF
*
Unit
tIVIV
Interrupt Request
Input to Interrupt
Output
(Note 3)
40
50
65
0
ns
tRXIX
Read Vector to
Interrupt Request
Clear
30
40
55
0
ns
tILIL
Interrupt Request
Minimum Pulse
Width
18
20
35
0
ns
tRLQV
RD to Data Valid
Interrupt Controller
(Note 1)
32
38
45
0
ns
Interrupt Timing (5 V ± 10%)
NOTES: 1. Read to Data Valid of the Interrupt Request Latch and Interrupt Priority Status. RD timing has the same timing as PSEN, DS,
LDS, UDS signals.
2. For inputs which use PPLD only.
3. This timing is only valid when read to the interrupt request latch and priority status latch are not valid.
**If ZPLD_TURBO is off and the ZPLD is operating above 15 MHz, there is no need to add 10 ns to the timing parameters.
**The -90 speed is available only on Industrial Temperature Range product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com