Electronic Components Datasheet Search
  English  ▼

X  

PSD512B1 Datasheet(PDF) 151 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 145Page - STMicroelectronics PSD512B1 Datasheet HTML 146Page - STMicroelectronics PSD512B1 Datasheet HTML 147Page - STMicroelectronics PSD512B1 Datasheet HTML 148Page - STMicroelectronics PSD512B1 Datasheet HTML 149Page - STMicroelectronics PSD512B1 Datasheet HTML 150Page - STMicroelectronics PSD512B1 Datasheet HTML 151Page - STMicroelectronics PSD512B1 Datasheet HTML 152Page - STMicroelectronics PSD512B1 Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 151 / 153 page
background image
PSD5XX Family
148
21.0
Process
Change Notice,
October 1, 1998
PSD5XX Functional Change:
A change has been implemented in the most recent silicon that improves the way that the
Image Register is updated. This change only applies to Event Count Mode for counter units
CTU0, CTU1, and CTU3.
Previous PSD5XX Silicon:
The Image Register was not updated with the actual event count upon exiting Freeze
mode. As a result, in certain circumstances, the Image Register may not have reflected the
actual event count. Although an incorrect count may have been read from the Image
Register at a given time, no event counts were ever lost because the microcontroller would
eventually read the correct value in the Image Register on subsequent freeze and read
cycles.
Current PSD5XX Silicon:
The Image register is now automatically updated with the actual count upon exiting the
Freeze mode. This ensures that on the very next freeze and read cycle, the microcontroller
will read the actual count from the Image register. There are two restrictions however:
1. If an event occurs within one timer clock period plus two CLKIN periods after the image
register is unfrozen, then the Image Register will not reflect that event on the very next
freeze and read cycle (timer clock period is defined on page 6-79 of the 1996 PSD data
book). Instead, the event will appear in the Image Register on the subsequent freeze
and read cycle.
2. The time between an unfreeze and the beginning of the next freeze has the same time
constraint as number one. There must be at least one timer clock period plus two CLKIN
periods between the end of one freeze cycle and the beginning of the next. This timing
can be controlled by software design.
To reduce the chance of getting a delayed count in the Image Register due to restriction
number 1, execute a software Load/Store command just prior to freezing and reading the
Image Register to force an update to the Image count.
Backwards Compatibility:
This improvement should have no impact on current designs unless these designs
were compensating for lost events. In such cases, compatibility is dependent on the
compensation method that was used. Please contact WSI at apphelp@wsiusa.com if you
think you have an issue or have any questions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com