Electronic Components Datasheet Search
  English  ▼

X  

193 Datasheet(PDF) 2 Page - CTS Corporation

Part # 193
Description  Side Actuated, Through Hole DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

193 Datasheet(HTML) 2 Page - CTS Corporation

  193 Datasheet HTML 1Page - CTS Corporation 193 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
"A"
Overall
Switch
Dimensions Positions Part Number
7.26 / .286
2
193–2MS
9.80 / .386
3
193–3MS
12.34 / .486
4
193–4MS
14.88 / .586
5
193–5MS
17.42 / .686
6
193–6MS
19.96 / .786
7
193–7MS
22.50 / .886
8
193–8MS
25.04 / .986
9
193–9MS
27.58 / 1.086
10
193–10MS
Ordering Information
CTS SERIES 193
DIMENSION:
mm
inch
XX: # OF POSITIONS
M: MEDIUM LENGTH ACTUATOR
(1.14mm/.045")
S: BOTTOM EPOXY SEAL
R: TAPE AND REEL PACKAGING
BLANK: ANTI-STATIC TUBE PACKAGING
M S R
Surface Mount Pad Layouts
N
N:
SHIP AT ON POSITION
BLANK: SHIP AT OFF POSITION
7.62
0.38
7.90
±0.25
9.78±0.25
1.14
1.52
REF
STAND OFF
9.00±0.25
1.02±0.13
0.48±0.08 TYP.
2.54 TYP.
PART NO.
10.40
REF
9.12±0.25
+0
-0.30
CL
2.54
TYP.
1.13
6.17 11.04
2.44
.339
8.60
-0.13
+0.38
.096
.243
.435
DATE CODE LOCATION
DATE CODE LOCATION
.354±.010
.060
± .010
.100
.044
.311
.100
.019±.003
.040±.005
.385±.010
.045
.359±.010
.410 -0.012
+0
.300 +.015
-.005
.015
CTS
1 2 3
8
N
O
9 10
4
No. of
–
10
193
"A"
2 - 2
05/05/08
CTS Electrocomponent
www.ctscorp.com
© 2008 CTS Corporation. All rights reserved. Information subject to change.
TYP.
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com