| Electronic Components Datasheet Search |
|
PSD513B1 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD513B1 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 153 page ![]() PSD5XX Family 9 8.0 Table 2. PSD5XX Pin Descriptions Pin Name Pin Function Type Function Descriptions ADIO0 – ADIO15 Address/ data bus I/O 1. Address/data bus, multiplexed bus mode 2. Address bus, non-multiplexed bus mode RD Multiple Names I Multiple functions 1. Read 1. Read signal 2. E 2. E signal (Clock) 3. DS 3. Data strobe signal 4. LDS 4. Low byte data strobe WR Multiple Names I Multiple functions 1. WR 1. Write signal 2. R/W 2. Read-write signal 3. WRL 3. Low byte write signal CSI Chip Select Input I Active low, select PSD5XX. standby mode if high. RESET Reset Input I Reset I/O ports, ZPLD/macrocells, Timers and Configuration Registers. Active low. CLKIN Input clock I Clock input to Timers, ZPLD macrocells, ZPLD array, and APD counter; connect to ground if clock input not used. PA0 – PA7 I/O Port A I/O Multiple functions 1. I/O port 2. ZPLD/macrocell I/O port 3. Latched address outputs (PA0–PA7) → (A0–A7) 4. High address inputs (A16 – A23) 5. Timer outputs (PA0 – PA3) PB0 – PB7 I/O Port B I/O Multiple functions 1. I/O port 2. ZPLD/macrocell I/O port 3. Latched address outputs (PB0–PB7) → (A0–A7) or (A8–A15) 4. Timer outputs (PB0-PB3) PC0 – PC7 I/O Port C I/O Multiple functions CMOS 1. I/O port or 2. ZPLD input port OD 3. Latched address outputs (PC0 – PC7) → (A0–A7) 4. Data Port (D0 – D7, non-multiplexed bus) PD0 – PD7 I/O Port D I/O Multiple functions CMOS 1. I/O port or 2. ZPLD input port OD 3. Latched address outputs (PD0–PD7) → (A0–A7) or (A8–A15) 4. Data Port (D8-D15, non-multiplexed bus) The following table describes the pin names and pin functions of the PSD5XX. Pins that have multiple names and/or functions are defined by user configuration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |