Electronic Components Datasheet Search
  English  ▼

X  

00613 Datasheet(PDF) 1 Page - Wiha Tools

Part # 00613
Description  Screwdriver with interchangeable blade set SYSTEM 4
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00613 Datasheet(HTML) 1 Page - Wiha Tools

  00613 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
191
INFOBOX:
SYSTEM 4
Screwdriver with interchangeable blades
• Flexible, versatile precision interchangeable blade
system for delicate fastening tasks.
• Suitable for all applications: the blades can be quickly
combined, extended and exchanged.
• Press sleeve: Blade lock is released
• Press and hold sleeve: Desired blade length can be set
(18 – 90 mm)
• Release sleeve: Blade is held in place
Screwdriver with interchangeable blade set SYSTEM 4
assorted 11-pcs.
269 T11
Order-No.
00610
5
Screwdriver handle SoftFinish®-telescopic for SYSTEM 4
interchangeable blade
1,5 - 3,0  / 2,0 - 3,5  / 2,5 - 4,0
PH000 - PH00  / PH0 - PH1
1,3 - 1,3  / 1,5 - 1,5  / 2 - 2 •  / 2,5 - 2,5 •  / 3 - 3 •
• With ball end
• With ball end
assorted 11-pcs.
269 T11 01
Order-No.
27820
1
Screwdriver handle SoftFinish®-telescopic for SYSTEM 4
interchangeable blade
1,5 - 3,0  / 2,0 - 3,5  / 2,5 - 4,0
PH000 - PH00  / PH0 - PH1
T6 - T8  / T7 - T9
1,5 - 1,5  / 2 - 2 •  / 2,5 - 2,5 •
Screwdriver with interchangeable blade set SYSTEM 4
slotted, Phillips, hexagon head, 4-pcs.
269 T4
Order-No.
00613
5
Screwdriver handle SoftFinish®-telescopic for SYSTEM 4
interchangeable blade
2,0 - PH00  / 3,0 - PH0  / 4,0 - PH1
Slotted, Phillips, hex 6-pcs.
269 T6
Order-No.
00616
5
Screwdriver handle SoftFinish®-telescopic for SYSTEM 4
interchangeable blade
1,5 - 3,0  / 2,0 - 3,5  / 2,5 - 4,0
PH000 - PH00  / PH0 - PH1
Phillips, TORX® 6-pcs.
269 T6 01
Order-No.
26121
5
Screwdriver handle SoftFinish®-telescopic for SYSTEM 4
interchangeable blade
PH000 - PH00  / PH0 - PH1
T3 - T4  / T5 - T6 / T8 - T10


Similar Part No. - 00613

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
00610 WIHA-00610 Datasheet
157Kb / 1P
Screwdriver with interchangeable blade set SYSTEM 4 assorted 11-pcs.
logo
Lapp.
0061000 LAPP-0061000 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
0061001 LAPP-0061001 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
logo
ATGBICS by Approved Tec...
0061004008-C ATGBICS-0061004008-C Datasheet
292Kb / 8P
0061004008 ADVA Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Lapp.
0061105 LAPP-0061105 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
More results

Similar Description - 00613

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE310-KIT PASTERNACK-PE310-KIT Datasheet
80Kb / 1P
VNA Test Cable Set with Interchangeable Connector Head
logo
List of Unclassifed Man...
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
logo
NEC
10U NEC-10U Datasheet
597Kb / 2P
Blade System Enclosures
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
logo
PHOENIX CONTACT
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com