Electronic Components Datasheet Search
  English  ▼

X  

00819 Datasheet(PDF) 1 Page - Wiha Tools

Part # 00819
Description  Screwdriver SoftFinish electric
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00819 Datasheet(HTML) 1 Page - Wiha Tools

  00819 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
139
139
Screwdriver SoftFinish® electric
Slotted
320N
Order-No.
00819
2,0
60
0,4
164
23
10
00820
2,5
75
0,4
179
23
10
00821
3,0
100
0,5
204
23
10
00822
3,5
100
0,6
204
23
10
00823
4,0
100
0,8
211
30
10
00824
4,5•
125
1,0
236
30
10
00825
4,5•
175
1,0
286
30
5
31863
4,5
200
1,0
311
30
5
00826
5,5
125
1,0
243
36
10
00827
5,5•
175
1,0
293
36
5
00828
6,0•
150
1,2
268
36
10
00829
6,5
150
1,2
268
36
10
00830
8,0
175
1,2
299
41
10
00831
8,0
175
1,6
299
41
10
00832
10,0•
200
1,6
324
41
5
• Additional dimension. Non-DIN size.
Manufactured acc. to IEC 60900.
Phillips
321N
Order-No.
00846
PH0
60
164
23
10
00847
PH1
80
191
30
10
00848
PH2
100
218
36
10
00849
PH3
150
268
41
10
00850
PH4
200
318
41
5
Manufactured acc. to IEC 60900.
Pozidriv
324
Order-No.
00877
PZ0
60
164
23
10
00878
PZ1
80
191
30
10
00879
PZ2
100
218
36
10
00880
PZ3
150
324
41
5
Manufactured acc. to IEC 60900.
PlusMinus/Phillips
327
Order-No.
30716
SL/PH1
80
191
30
10
30715
SL/PH2
100
218
36
10
Manufactured acc. to IEC 60900.
PlusMinus/Pozidriv
328
Order-No.
30700
SL/PZ1
80
191
30
10
30701
SL/PZ2
100
218
36
10
Manufactured acc. to IEC 60900.
TORX®
325
Order-No.
03760
T5
60
164
23
10
03761
T6
60
164
23
10
03762
T7
60
164
23
10
00881
T8
60
164
23
10
00882
T9•
60
164
23
10
Manufactured acc. to IEC 60900.
Hex
323N
Order-No.
30361
2,5
75
179
23
10
30362
3,0
75
179
23
10
30363
4,0
75
186
30
10
30364
5,0
75
186
30
10
30365
6,0
100
218
36
10
30366
8,0
100
218
36
10
Manufactured acc. to IEC 60900.
Square
358N
Order-No.
32396
#1
2,3
100
211
30
10
32397
#2
2,8
150
268
36
10
Manufactured acc. to IEC 60900.


Similar Part No. - 00819

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0081930001 MACOM-0081930001 Datasheet
171Kb / 2P
ES CAPS POLYOLEFI, DUAL-WALL SEMI-RIGID, HEAT - SHRINKABLE
0081930003 MACOM-0081930003 Datasheet
171Kb / 2P
ES CAPS POLYOLEFI, DUAL-WALL SEMI-RIGID, HEAT - SHRINKABLE
0081930005 MACOM-0081930005 Datasheet
171Kb / 2P
ES CAPS POLYOLEFI, DUAL-WALL SEMI-RIGID, HEAT - SHRINKABLE
0081930007 MACOM-0081930007 Datasheet
171Kb / 2P
ES CAPS POLYOLEFI, DUAL-WALL SEMI-RIGID, HEAT - SHRINKABLE
More results

Similar Description - 00819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
logo
List of Unclassifed Man...
RY240 ETC1-RY240 Datasheet
1Mb / 4P
electric
logo
SparkFun Electronics
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com