Electronic Components Datasheet Search
  English  ▼

X  

01508 Datasheet(PDF) 1 Page - Wiha Tools

Part # 01508
Description  Small screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01508 Datasheet(HTML) 1 Page - Wiha Tools

  01508 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
154
154
Which drives are used for each individual product? Page 304
Small screwdriver
Slotted transparent-red, with push-on clip
500
Order-No.
01537
3,0
40
3,0
100
11
50
01538
3,0
60
3,0
120
11
50
01539
3,0
80
3,0
140
11
50
Small screwdriver
Slotted transparent-yellow
509
Order-No.
01548
2,0
40
2,0
85
8
50
Universal scraper SoftFinish®
430 40
Order-No.
23159
5
Universal scraper set SoftFinish®
10-pcs. in blister pack
SB 430 4010
Order-No.
26920
1
Magnetiser
400 10
Order-No.
01508
5
in blister pack
SB 400 10
Order-No.
02568
5
Replacement blade set 20 mm wide
10-pcs. for universal scraper in blister pack
SB 430 40 K1020
Order-No.
27902
5
Replacement blade set 13 mm wide
10-pcs. for universal scraper in blister pack
SB 430 40 K10
Order-No.
27606
5


Similar Part No. - 01508

ManufacturerPart #DatasheetDescription
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
logo
STEGO Elektrotechnik Gm...
01500.2-00 STEGO-01500.2-00 Datasheet
1Mb / 1P
SMART SENSOR DISTANCE
02.02.2024
logo
AG Electronica
015000151-0 AGELECTRONICA-015000151-0 Datasheet
412Kb / 1P
Adaptadores para cargador de baterías 10 en 1.
27/10/2015
logo
Littelfuse
01500079Z LITTELFUSE-01500079Z Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01500079Z-ND LITTELFUSE-01500079Z-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
More results

Similar Description - 01508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SZ-SORTI-2 PHOENIX-SZ-SORTI-2 Datasheet
47Kb / 2P
Screwdriver range, consisting of the three small screwdrivers
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com