Electronic Components Datasheet Search
  English  ▼

X  

02804 Datasheet(PDF) 1 Page - Wiha Tools

Part # 02804
Description  L-key with T-handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

02804 Datasheet(HTML) 1 Page - Wiha Tools

  02804 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
216
Which drives are used for each individual product? Page 304
L-key with T-handle
Hex, inch design brilliant nickel-plated
334 Zoll
Order-No.
02802
3/32
150
176
80
26
2,38
10
02803
7/64
150
176
80
26
2,78
10
02804
1/8
150
176
80
26
3,18
10
02805
9/64
150
176
80
26
3,57
10
02806
5/32
150
176
80
26
3,97
10
02807
3/16
150
182
100
32
4,76
10
02808
7/32
150
182
100
32
5,56
10
02809
1/4
150
182
100
32
6,35
10
02810
5/16
150
182
100
32
7,94
10
02811
3/8
150
188
120
38
9,53
10
Nut driver with T-handle
Hex, inch design brilliant nickel-plated
336 Zoll
Order-No.
02819
3/16
150
182
100
32
4,76
10
02820
1/4
150
182
100
32
6,35
10
02821
5/16
150
182
100
32
7,94
10
02822
3/8
150
182
100
32
9,53
10
02823
7/16
150
182
100
32
11,11
10
02824
1/2
150
182
100
32
12,70
10
L-key with T-handle electric
Hex
334N
Order-No.
27928
4
150
176
80
26
10
27929
5
150
182
100
32
10
27930
6
150
182
100
32
10
27931
8
150
182
100
32
10
Manufactured acc. to IEC 60900.
Nut driver with T-handle electric
Hex
336N
Order-No.
27932
8
200
232
100
32
10
27933
10
230
262
100
32
10
27934
13
230
262
100
32
10
27935
17
230
268
120
38
10
Manufactured acc. to IEC 60900.


Similar Part No. - 02804

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
02804 WIHA-02804 Datasheet
46Kb / 1P
The Classic for High Torques.
02804 WIHA-02804 Datasheet
133Kb / 1P
Hex driver with T-handle. Inch sizes
02804 6 WIHA-02804 6 Datasheet
46Kb / 1P
The Classic for High Torques.
More results

Similar Description - 02804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Schneider Electric
NSYTHL405PLM SCHNEIDER-NSYTHL405PLM Datasheet
80Kb / 2P
External handle with 405 barrel & key
May 7, 2021
NSYTHL421PLM SCHNEIDER-NSYTHL421PLM Datasheet
80Kb / 2P
External handle with 421 barrel & key
May 7, 2021
NSYTHL455PLM SCHNEIDER-NSYTHL455PLM Datasheet
80Kb / 2P
External handle with 455 barrel & key
May 7, 2021
NSYTHL1242EPLM SCHNEIDER-NSYTHL1242EPLM Datasheet
80Kb / 2P
External handle with 1242E barrel & key
May 7, 2021
NSYTHL2331APLM SCHNEIDER-NSYTHL2331APLM Datasheet
80Kb / 2P
External handle with 2331A barrel & key
May 7, 2021
NSYTHL2433APLM SCHNEIDER-NSYTHL2433APLM Datasheet
80Kb / 2P
External handle with 2433A barrel & key
May 7, 2021
NSYTHL3113APLM SCHNEIDER-NSYTHL3113APLM Datasheet
80Kb / 2P
External handle with 3113A barrel & key
May 7, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com