Electronic Components Datasheet Search
  English  ▼

X  

00754 Datasheet(PDF) 1 Page - Wiha Tools

Part # 00754
Description  Screwdriver SoftFinish
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00754 Datasheet(HTML) 1 Page - Wiha Tools

  00754 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
146
146
Which drives are used for each individual product? Page 304
Screwdriver SoftFinish®
Slotted with round blade for low-lying screws
302
Order-No.
00684
2,0•
65
0,4
2.0
169
23
10
00685
2,5
75
0,4
2.5
179
23
10
00686
3,0•
80
0,5
3.0
184
23
10
00687
3,0
100
0,5
3.0
204
23
10
00689
3,0•
150
0,5
3.0
254
23
10
00690
3,0•
200
0,5
3.0
304
23
10
32383
3,0
300
0,5
3.0
404
23
5
00691
3,5
100
0,6
3.5
204
23
10
26931
3,5•
200
0,6
3.5
304
23
10
00692
4,0
100
0,8
4.0
211
30
10
00694
4,0•
150
0,8
4.0
261
30
10
00695
4,0•
200
0,8
4.0
311
30
10
00696
4,0•
300
0,8
4.0
411
30
10
27753
4,5•
80
0,8
4.5
191
30
10
00697
4,5•
125
0,8
4.5
236
30
10
00698
5,5
125
1,0
5.5
236
30
10
00700
5,5
150
1,0
5.5
261
30
10
00701
5,5•
200
1,0
5.5
311
30
10
00702
5,5•
300
1,0
5.5
411
30
5
32384
6,0•
300
1,0
6.0
418
36
5
• Additional dimension. Non-DIN size.
Slotted with round blade
302
Order-No.
27754
6,0
100
1,0
5.5
218
36
10
27755
6,0
150
1,0
5.5
268
36
10
00704
6,5
100
1,2
6.0
218
36
10
00703
6,5
150
1,2
6.0
268
36
10
00706
6,5•
200
1,2
6.0
318
36
10
00708
8,0
150
1,2
7.0
274
41
10
00707
8,0
175
1,2
7.0
299
41
10
00709
8,0
175
1,6
7.0
299
41
5
32399
8,0
300
1,2
7.0
424
41
5
00711
10,0
200
1,6
8.0
324
41
10
32400
10,0
300
1,6
8.0
424
41
5
00712
12,0
250
2,0
8.0
374
41
10
00713
14,0•
250
2,5
11.0
374
41
10
• Additional dimension. Non-DIN size.
DIN ISO 2380.
Phillips with round blade
311
Order-No.
00754
PH0
60
3,0
164
23
10
27756
PH0
100
3,0
204
23
10
00756
PH1
80
4,5
191
30
10
27757
PH1
100
4,5
211
30
10
00757
PH1•
200
4,5
311
30
10
03738
PH1•
300
4,5
411
30
5
00759
PH2
100
6,0
218
36
10
27758
PH2
150
6,0
268
36
10
00760
PH2•
200
6,0
318
36
10
03739
PH2•
300
6,0
418
36
5
00762
PH3
150
8,0
274
41
10
00763
PH4•
200
10,0
324
41
10
• Additional dimension. Non-DIN size.
DIN ISO 8764-PH.
Pozidriv with round blade
313
Order-No.
00768
PZ0
60
3,0
164
23
10
00770
PZ1
80
4,5
191
30
10
26454
PZ1
300
4,5
411
30
5
00772
PZ2
100
6,0
218
36
10
26455
PZ2
300
6,0
418
36
5
00774
PZ3
150
8,0
274
41
10
TORX® ball end with hexagonal blade
362BE
Order-No.
32250
T9
60
7/64
2.8
164
23
10
32251
T10
60
1/8
3.2
184
23
10
32252
T15
80
9/64
3.6
191
30
10
32253
T20
80
5/32
4.0
211
30
10
32254
T25
100
3/16
4.8
218
36
10
32255
T27
115
7/32
5.6
233
36
10
32256
T30
115
1/4
6.4
233
36
10
TORX® MagicSpring® with round blade
362R
Order-No.
27736
T6
60
3,5
164
23
10
27737
T7
60
3,5
164
23
10
27738
T8
60
3,5
164
23
10
27739
T9
60
4,0
171
30
10
27740
T10
80
4,0
191
30
10
27741
T15
80
4,0
191
30
10
27742
T20
100
4,0
218
36
10
27743
T25
100
4,5
218
36
10
27811
T27
115
5,5
233
36
10
27744
T30
115
6,0
233
36
10
27745
T40
130
7,0
254
41
10
With round blade for low-lying screws
With round blade


Similar Part No. - 00754

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
007510-000 TEC-007510-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
YAGEO Corporation
0075BK-071M YAGEO-0075BK-071M Datasheet
830Kb / 10P
Halogen Free Epoxy
Feb. 04, 2016Jan. 22, 2016 V.4
0075BK-0797R6 YAGEO-0075BK-0797R6 Datasheet
830Kb / 10P
Halogen Free Epoxy
Feb. 04, 2016Jan. 22, 2016 V.4
0075BK-079K76 YAGEO-0075BK-079K76 Datasheet
830Kb / 10P
Halogen Free Epoxy
Feb. 04, 2016Jan. 22, 2016 V.4
0075BK-131M YAGEO-0075BK-131M Datasheet
830Kb / 10P
Halogen Free Epoxy
Feb. 04, 2016Jan. 22, 2016 V.4
More results

Similar Description - 00754

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
1212070 PHOENIX-1212070 Datasheet
43Kb / 2P
Screwdriver - SF-M BH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com