Electronic Components Datasheet Search
  English  ▼

X  

TIM60 Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # TIM60
Description  Isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

TIM60 Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  TIM60 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH TIM60 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Isolating transformer
TIM 60
Type
TIM 60
Input
Rated frequency
50 - 60 Hz
Rated input voltage
230 Vac
Output
Rated output voltage
2 x 115 Vac
Rated Power
60 VA
No-load voltage (app. x factor)
1.15
No-load loss (typ.)
3.30 W
Efficiency
83.5 %
Approvals
Approvals
VDE
Environment
Ambient temperature max.
40 °C
Safety and protection
Type
Resin encapsulated transformer
Insulation class
A
Protection index
IP 20
Safety class
II
Short circuit strength
non-inherently short-circuit proof
Test voltage
5000 Vac, 50 Hz
Order numbers
Order Number
TIM 60
Type
TIM 60
Terminal and mounting
Fixing method
Fixing holes in the terminal connection
compartment
Terminals
Screw-type terminals
Measures and weights
Weight
1.55 kg
135.0
166.0
90.0
14.2
4.3
65.0
76.0
58.0
77.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com