Electronic Components Datasheet Search
  English  ▼

X  

27397 Datasheet(PDF) 1 Page - Wiha Tools

Part # 27397
Description  Oblique end cutting nippers Electronic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

27397 Datasheet(HTML) 1 Page - Wiha Tools

  27397 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
287
Oblique end cutting nippers Electronic
very narrow, short head without bevelled edge
Z 46 0 03
Needle nose pliers Electronic
narrow, short head straight form
Z 36 0 03
Needle nose pliers Electronic
Narrow, long head, curved about 40°
Z 36 1 03
Stripping pliers Electronic
Stripping points 0.8-2.6 mm
Z 49 2 03
Stripping pliers Electronic
Stripping points 0.4-1.3 mm
Z 49 7 03
Order-No.
26830
125
5
2
0.6
5
27397
125
5
2
0.6
x
5
Order-No.
26801
150
6
5
27326
150
6
x
5
Order-No.
41015
142
5 1/2
5
41222
142
5 1/2
x
5
Order-No.
33471
165
6 ½
0,81-2,59
20-10
5
36794
165
6 ½
0,81-2,59
20-10
x
5
Order-No.
33472
165
6 1/2
0,4-1,3
26-16
5
35820
165
6 1/2
0,4-1,3
26-16
x
5


Similar Part No. - 27397

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2739 KR-2739 Datasheet
51Kb / 2P
Lowpass Filter
logo
Wiha Tools
27390 WIHA-27390 Datasheet
76Kb / 1P
Diagonal cutters Electronic
27391 WIHA-27391 Datasheet
76Kb / 1P
Diagonal cutters Electronic
27392 WIHA-27392 Datasheet
2Mb / 4P
PicoFinish® Precision Screwdrivers
27393 WIHA-27393 Datasheet
76Kb / 1P
Diagonal cutters Electronic
More results

Similar Description - 27397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3026-441 ETC1-3026-441 Datasheet
73Kb / 1P
Oblique Angle Entry Modular Telephone Jack
logo
Molex Electronics Ltd.
0638161400 MOLEX11-0638161400 Datasheet
31Kb / 1P
Power Cutting Tool Head
logo
Rosenberger Hochfrequen...
02W004-000 ROSENBERGER-02W004-000 Datasheet
35Kb / 1P
CUTTING BIT
logo
PHOENIX CONTACT
CUTFOX-62 PHOENIX-CUTFOX-62 Datasheet
48Kb / 2P
Superb cutting quality
logo
Harwin Plc
Z1022-00 HARWIN-Z1022-00 Datasheet
122Kb / 1P
HAND CUTTING TOOL
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
PHOENIX CONTACT
1205985 PHOENIX-1205985 Datasheet
48Kb / 2P
Cutting tool - CUTFOX FB
1104980 PHOENIX-1104980 Datasheet
58Kb / 3P
Cutting tool - PPS COMPACT
logo
Weidmuller
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
9204260000 WEIDMULLER-9204260000 Datasheet
128Kb / 2P
Accessories, Spare cutting blade
September 28, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com