Electronic Components Datasheet Search
  English  ▼

X  

273 Datasheet(PDF) 1 Page - Wiha Tools

Part # 273
Description  Precision ESD Safe Slotted/Phillips Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

273 Datasheet(HTML) 1 Page - Wiha Tools

  273 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
135
Phillips Screwdriver, With Precision ESD Safe Dissipative
Handle. Blade high alloy chrome-vanadium-molybdenum steel.
Hard chrome finished. Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1
Item
No.
Size mm Inch mm
Inch mm
Inch lbs.
pkg.
273 02
000 40
1.6
2.0
.08
120
4.7
.02
10
273 05
00
40
1.6
2.0
.08
120
4.7
.02
10
273 07
00
75
3.0
2.0
.08
155
6.1
.02
10
273 10
0
50
2.0
3.0
.12
145
5.7
.04
10
273 12
0
75
3.0
3.0
.12
170
6.7
.03
10
273 14
0
100 3.9
3.0
.12
195
7.6
.05
10
273 16
0
150 5.9
3.0
.12
245
9.6
.06
10
273 20
1
60
2.3
4.0
.16
170
6.7
.06
10
273 22
1
75
3.0
4.0
.16
155
6.1
.06
10
273 24
1
100 3.9
4.0
.16
210
8.2
.06
10
273 26
1
150 5.9
4.0
.16
260
10.2 .07
10
*Metric dimensions actual - Inch dimensions approximate
273
Set 8 Pcs. Slotted & Phillips Precision ESD Safe
Dissipative Handle. Blade high alloy CVM steel, hardened,
hard chromed. Handle manufactured from impact resistant,
dissipative material. In storage pouch. ESD standard IEC 61340-5-1
Item
No.
mm mm
Size mm
lbs.
273 99
272 15
1.5
40
273 02
000 40
.50
272 20
2.0
40
273 05
00
40
272 25
2.5
50
273 10
0
50
272 30
3.0
50
273 20
1
60
273 99
Set 7 Pcs. Extra Long Slotted/Phillips Precision ESD Safe
Dissipative Handle Blade CVM steel, hardened, hard chromed. Handle
impact resistant, dissipative material. ESD standard IEC 61340-5-1
Item
No.
mm mm
Size mm
lbs.
273 93
272 24
2.0
150
273 16
0
150
.48
272 28
2.5
150
273 26
1
150
272 34
3.0
150
272 38
3.5
150
272 43
4.0
150
273 93
Rugged Polyester Canvas Storage Pouch
Holds 8 Precision Tools up to 170mm in length. Folding pouch.
Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
911 18
14 1/2” W x 7 3/4” L
.13
1
911 18
Precision ESD Safe Slotted/Phillips Drivers
D
D
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 273

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
273 PEREGRINE-273 Datasheet
200Kb / 12P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
List of Unclassifed Man...
273 ETC2-273 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
logo
Cornell Dubilier Electr...
273 CDE-273 Datasheet
3Mb / 10P
Rectangular Case, High-Current and High-Voltage Circuits
logo
Littelfuse
273 LITTELFUSE-273 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Walther-Werke
273 WALTHER-273 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 273

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
27305 ETC2-27305 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
27899 ETC2-27899 Datasheet
171Kb / 1P
Precision ESD Safe TORX Drivers
71404 ETC2-71404 Datasheet
452Kb / 2P
Phillips Bits
logo
RAF ELECTRONIC HARDWARE
7005-SS RAF-7005-SS Datasheet
74Kb / 1P
PRECISION SHOULDER SCREWS SLOTTED HEAD
7008-SS RAF-7008-SS Datasheet
80Kb / 1P
PRECISION SHOULDER SCREWS SLOTTED HEAD
logo
Schurter Inc.
FAB SCHURTER-FAB_18 Datasheet
250Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
logo
Schurter Inc.
FAB SCHURTER-FAB_V01 Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com