Electronic Components Datasheet Search
  English  ▼

X  

38859 Datasheet(PDF) 1 Page - Wiha Tools

Part # 38859
Description  Needle nose pliers Professional electric
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

38859 Datasheet(HTML) 1 Page - Wiha Tools

  38859 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
258
Needle nose pliers Professional electric
with cutting edge straight shape
Z 05 0 06
Order-No.
26720
160
6 ½
16
1.2
5
27422
160
6 ½
16
1.2
x
5
26727
200
8
17
1.6
5
27423
200
8
17
1.6
x
5
DIN ISO 5745. Manufactured acc. to IEC 60900.
Industrial electric needle nose pliers
with cutting edge straight shape
Z 05 0 09
Order-No.
35477
160
6 1/2
16
1.2
5
38857
160
6 1/2
16
1.2
x
5
33178
200
8
17
1.6
5
38858
200
8
17
1.6
x
1
DIN ISO 5745. Manufactured acc. to IEC 60900.
Needle nose pliers Professional electric
with cutting edge curved shape, approx. 40°
Z 05 1 06
Order-No.
26728
160
6 ½
16
1.2
5
27424
160
6 ½
16
1.2
x
5
26729
200
8
17
1.6
5
27425
200
8
17
1.6
x
5
DIN ISO 5745. Manufactured acc. to IEC 60900.
Industrial electric needle nose pliers
with cutting edge curved shape, approx. 40°
Z 05 1 09
Order-No.
35462
200
8
17
1.6
5
38859
200
8
17
1.6
x
5
DIN ISO 5745. Manufactured acc. to IEC 60900.


Similar Part No. - 38859

ManufacturerPart #DatasheetDescription
logo
Heyco.
3885 HEYCO-3885 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
Adafruit Industries
3885 ADAFRUIT-3885 Datasheet
490Kb / 3P
Adafruit STEMMA Speaker - Plug and Play Audio Amplifier
More results

Similar Description - 38859

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
AS-QTHA-0109-BR RALSTON-AS-QTHA-0109-BR Datasheet
299Kb / 1P
Needle valve assembly, brass
AS-QTHA-0109-SS RALSTON-AS-QTHA-0109-SS Datasheet
287Kb / 1P
Needle valve assembly, stainless steel
logo
Pomona Electronics
4988 POMONA-4988 Datasheet
19Kb / 1P
Needle Tip, Replacement
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
BU-50C ETC2-BU-50C Datasheet
53Kb / 1P
Meter Testing Clip With Needle
logo
Roithner LaserTechnik G...
FIELDMATE ROITHNER-FIELDMATE Datasheet
472Kb / 2P
analog needle for tuning
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
UNIFOX-PC-VDE PHOENIX-UNIFOX-PC-VDE Datasheet
47Kb / 3P
Needle-nose pliers with blade, angled 45째, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com