Electronic Components Datasheet Search
  English  ▼

X  

27396 Datasheet(PDF) 2 Page - Wiha Tools

Part # 27396
Description  PicoFinish® Precision Screwdrivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

27396 Datasheet(HTML) 2 Page - Wiha Tools

  27396 Datasheet HTML 1Page - Wiha Tools 27396 Datasheet HTML 2Page - Wiha Tools 27396 Datasheet HTML 3Page - Wiha Tools 27396 Datasheet HTML 4Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PicoFinish® Precision Screwdrivers
Slotted Screwdriver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Blade high alloy MoV steel.
Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1.
Item
No.
mm Inch mm Inch mm mm Inch
.8 1/32 40 1.6 0.16 135 5.3
1.0 .039 40 1.6 0.18 135 5.3
1.2 3/64 40 1.6 0.20 135 5.3
1.5 1/16 40 1.6 0.25 135 5.3
2.0 5/64 40 1.6 0.40 142 5.6
2.0 5/64 100 3.9 0.40 202 8.0
2.5 3/32 50 2.0 0.40 152 6.0
2.5 3/32 100 3.9 0.40 202 8.0
3.0 1/8 50 2.0 0.50 152 6.0
3.0 1/8 100 3.9 0.50 202 8.0
3.5 9/64 60 2.4 0.60 162 6.4
4.0 5/32 60 2.4 0.80 162 6.4
*Metric dimensions actual - Inch dimensions approximate
Phillips Screwdriver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Blade high alloy MoV steel. Handle
manufactured from impact resistant, dissipative
material. ESD standard IEC 61340-5-1.
Item
No.
Size mm Inch mm Inch mm Inch
000 40 1.6 2.0 .08 135 5.3
00 40 1.6 2.0 .08 135 5.3
0
50 2.0 3.0 .12 152 6.0
0
100 3.9 3.0 .12 202 8.0
1
60 2.3 4.0 .16 162 6.4
1
100 3.9 4.0 .16 182 7.2
*Metric dimensions actual - Inch dimensions approximate
27270
27271
27272
27273
27274
27275
27276
27277
27278
27279
27280
27281
272
27330
27331
27332
27333
27334
27335
273
Hex Metric Driver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Item
No.
mm mm Inch mm Inch
0.7 40
1.6
135 5.3
0.9 40
1.6
135 5.3
1.3 40
1.6
135 5.3
1.5 50
2.0
145 5.7
2.0 50
2.0
152 6.0
2.5 60
2.4
162 6.4
3.0 60
2.4
162 6.4
*Metric dimensions actual - Inch dimensions approximate
Hex Inch Driver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Blade high alloy MoV steel.
Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1.
Item
No.
Inch
mm Inch mm Inch
0.028 40
1.6
135 5.3
0.035 40
1.6
135 5.3
0.05
40
1.6
135 5.3
1/16
50
2.0
145 5.7
5/64
50
2.0
152 6.0
3/32
60
2.0
162 6.4
7/64
60
2.4
162 6.4
1/8
60
2.4
162 6.4
*Metric dimensions actual - Inch dimensions approximate
275 Metric
27550
27551
27552
27553
27554
27555
27556
275 Inch
27550
27551
27552
27557
27554
27558
27559
27560
Screwdriver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Blade high alloy MoV steel.
Handle manufactured from impact resistant,
dissipative material. ESD standard IEC 61340-5-1.
Item
No.
Size mm Inch mm Inch
T1 40 1.6 135 5.3
T2 40 1.6 135 5.3
T3 40 1.6 135 5.3
T4 40 1.6 135 5.3
T5 40 1.6 135 5.3
T6 40 1.6 142 5.6
T7 40 1.6 142 5.6
T8 40 1.6 142 5.6
T9 50 2.0 152 6.0
T10 50 2.0 152 6.0
T15 60 2.4 162 6.4
T20 60 2.4 162 6.4
*Metric dimensions actual - Inch dimensions approximate
27860
27861
27862
27863
27864
27865
27866
27867
27868
27869
27870
27871
278
Inch Nut Driver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Blade high alloy MoV steel.
Item
No.
Inch mm Inch Inch Inch Inch
3/32 60 2.4 6.4 .16
.16
7/64 60 2.4 6.4 .20
.20
1/8
60 2.4 6.4 .20
.20
9/64 60 2.4 6.4 .21
.24
5/32 60 2.4 6.4 .22
.24
3/16 60 2.4 6.4 .25
.28
7/32 60 2.4 6.4 .30
.32
1/4
60 2.4 6.4 .34
.36
*Metric dimensions actual - Inch dimensions approximate
ESD standard IEC 61340-5-1
277
27770
27771
27772
27773
27774
27775
27776
27777
Metric Nut Driver, With Precision
PicoFinish® ESD Safe Dissipative Handle*
Blade high alloy MoV steel.
Item
No.
mm mm Inch mm Inch Inch
1.5 60
2.4 162 2.5 3.0
2.0 60
2.4 162 3.2 4.0
2.5 60
2.4 162 4.0 4.0
3.0 60
2.4 162 5.0 5.0
3.5 60
2.4 162 5.3 6.0
4.0 60
2.4 162 5.5 6.0
4.5 60
2.4 162 6.2 7.0
5.0 60
2.4 162 6.8 7.0
5.5 60
2.4 162 7.6 8.0
*Metric dimensions actual - Inch dimensions approximate
277
27780
27781
27782
27783
27784
27785
27786
27787
27788
Precision PicoFinish® Chip Lifter*
- ESD Safe Blade MoV steel, hardened,
corrosion resistant finish. Precision handle
high quality plastic, Dissipative material.
Item
No.
mm mm mm mm Inch
1
3.5 50
152 6.0
Surface resistance of handles
is 106 - 109 Ohms
27921
27921
ESD standard IEC 61340-5-1
List
$11.08
$10.66
$10.36
$9.32
$7.96
$8.58
$8.24
$9.16
$8.32
$9.16
$9.02
$8.94
List
$12.74
$12.74
$12.24
$12.24
$12.24
$12.24
$12.24
$12.24
$12.24
$12.68
$12.86
$12.86
List
$11.08
$8.54
$8.54
$9.42
$8.78
$9.34
List
$10.48
$10.12
$9.32
$8.04
$7.94
$8.04
$8.04
$8.04
List
$10.48
$10.12
$9.32
$8.28
$7.94
$8.14
$8.18
List
$13.74
$13.74
$13.74
$13.74
$13.74
$13.74
$13.74
$13.74
$13.74
List
$13.86
$13.86
$13.86
$13.86
$13.86
$13.86
$13.86
$13.86
List
$11.44



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com