Electronic Components Datasheet Search
  English  ▼

X  

28340 Datasheet(PDF) 1 Page - Wiha Tools

Part # 28340
Description  Cat. IV Voltage Detector - Battery Operated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28340 Datasheet(HTML) 1 Page - Wiha Tools

  28340 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
Toll Free: (800) 494-6104 • USA | Toll Free: (800) 494-0096 • CANADA
Insulated Single-Pole Voltage Tester
Item No. Description
Case Pack
25511
3.0mm x 65mm
3
SlimLine Blade Holder Insulated Handle
Item No. Description
Case Pack
28301
1/4” x 160mm
3
SlimLine Blade Holder Insulated Stubby Handle
Item No. Description
Case Pack
28302
1/4” x 60mm
3
SlimLine Blade Holder Insulated Handle
Item No. Description
Case Pack
28304
1/4” x 114mm
3
Cat. IV Voltage Detector - Battery Operated
Item No. Description
Case Pack
25505
5.75” OAL (146mm)
3
SlimLine PicoFinish® Blade Holder Handle
Item No. Description
Case Pack
28303
1/4” x 103mm (4.02”)
3
SlimLine Insulated 1/4” Socket Adapter
Item No. Description
Case Pack
28311
For SlimLine Blade Holders
3
Holds 6mm SlimLine Blades
SlimLine Insulated Square Blade
Item No. Description
Case Pack
28346
#1 x 3.8Nm
3
28347
#2 x 5.5Nm
3
SlimLine Insulated Terminal Block Xeno Blade
Item No. Description
Case Pack
28327
#1 x 3.8Nm
3
28329
#2 x 5.5Nm
3
SlimLine Insulated TORX® Blade
Item No. Description
Case Pack
28325
T6 x .6Nm
3
28326
T7 x .9Nm
3
28339
T8 x 1.3Nm
3
28344
T9 x 1.3Nm
3
28340
T10 x 3.8Nm
3
28341
T15 x 5.5Nm
3
28342
T20 x 5.5Nm
3
28343
T25 x 5.5Nm
3
SlimLine Insulated Pozidriv® Blade
Item No. Description
Case Pack
28330
#1 x 3.8Nm
3
28331
#2 x 5.5Nm
3
SlimLine Insulated Hex Metric Blade
Item No. Description
Case Pack
28332
1.5 x 0.9Nm
3
28333
2.0 x 1.8Nm
3
28334
2.5 x 3.8Nm
3
28335
3.0 x 5.5Nm
3
28336
4.0 x 5.5Nm
3
28337
5.0 x 5.5Nm
3
28338
6.0 x 5.5Nm
3
SlimLine Insulated Slotted/Pozidriv® Blade
Item No. Description
Case Pack
28320
#1 x 3.8Nm
3
28321
#2 x 5.5Nm
3
SlimLine Insulated Phillips Blade
Item No. Description
Case Pack
28317
#1 x 3.8Nm
3
28319
#2 x 5.5Nm
3
SlimLine Insulated Slotted Blade
Item No. Description
Case Pack
28307
2.5mm x 0.4Nm
3
28308
3.0mm x 0.6Nm
3
28309
4.0mm x 2.5Nm
3
28310
3.5mm x 2.5Nm
3
28312
5.5mm x 3.8Nm
3
28315
6.5mm x 5.5Nm
3
SlimLine Insulated 1/4” Blade Holder
Item No. Description
Case Pack
28316
For SlimLine Blades
3
Insulated SlimLine Torque Blade Holder
Item No. Description
Case Pack
28350
6.0mm x 170mm
3
4pc. Insulated SoftFinish® SlimLine Blade Set
Item No. Description
Case Pack
28328
Slim Blade Set
3
Slotted: 3.5mm, Phillips: #2, Square: #2
15 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28390
Insulated Blade Set
3
Slotted: 3.0, 4.0, 5.5, 6.5mm & Phillips: #1, 2
TORX: T8, T10, T15, T20 & Xeno Slt/Ph: #1, 2
Square: #1, 2
Insulated Cushion Grip Blade Holder
7 Pc. Insulated SlimLine Blade Set
Item No. Description
Case Pack
28372
SlimLine Blade Set
3
Slotted: 2.5, 3.5, 5.5mm, Phillips: #1, 2
Square: #1, 2
7 Pc. Insulated SlimLine Blade Set
Item No. Description
Case Pack
28373
SlimLine Blade Set
3
Slotted: 2.5, 3.5, 5.5mm, Phillips: #1, 2,
Xeno Slt/Ph: #1, 2
12pc. Insulated SlimLine Blade Belt Set
Item No. Description
Case Pack
28348
Slim Blade Set
3
Slotted: 4.0, 5.5mm, Phillips: #1, 2, Square: #1, 2
Hex: 2.5, 3.0, 4.0mm, TORX®: T15, T20, T25
8 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28391
Insulated Blade Set
3
Slotted: 4.0, 6.5mm & Phillips: #1, 2
TORX: T15, T20 & Xeno Slt/Ph: #2
Insulated Cushion Grip Blade Holder
7 Pc. Insulated Pop-Up SlimLine Blade Set
Item No. Description
Case Pack
28393
Pop-Up Blade Set
3
Slotted: 3.0, 4.0, 5.5, 6.5mm, Phillips: #1, 2
7 Pc. Insulated Pop-Up SlimLine Blade Set
Item No. Description
Case Pack
28394
Pop-Up Blade Set
3
Slotted: 3.0, 4.0mm, Phillips: #1, 2, Square: #1, 2
7 Pc. Insulated Pop-Up SlimLine Blade Set
Item No. Description
Case Pack
28395
Pop-Up Blade Set
3
Slotted: 3.0, 4.0mm, Phillips: #1, 2, Terminal: #1, 2
12 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28392
Insulated Blade Set
3
Slotted: 3.0, 5.5mm & Phillips: #2 & Square: #1, 2
TORX: T8, T10, T15, T20 & Xeno Slt/Ph: #1, 2
Insulated Cushion Grip Blade Holder
20 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28396
Insulated Blade Set
1
Slotted: 3.0, 3.5, 4.0, 5.5mm & Phillips: #1, 2
TORX: T8, T10, T15, T20 & Xeno: #1, 2
Xeno SL/PZ #1, 2, Sq: #1, 2 & Hex: 3.0, 4.0, 5.0mm
Insulated Cushion Grip Blade Holder
Stubby
Blade
Holder
Cat. IV Voltage Detector - Battery Operated
Item No. Description
Case Pack
25506
6.0” OAL (152mm)
3
LED
Auto off
On/Off
6 Pc. Insulated PocketMax SlimLine Blade Set
Item No. Description
Case Pack
28345
PocketMax Blade Set
3
Slotted: 3.5, 6.5mm, Phillips: #1, 2, Square: #2


Similar Part No. - 28340

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
28340 WIHA-28340 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
28340 WIHA-28340 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
TE Connectivity Ltd
2834006-1 TEC-2834006-1 Datasheet
678Kb / 5P
ECR-15-016620,ADD PCB LAYOUT
2834006-1 TEC-2834006-1 Datasheet
297Kb / 2P
MODULAR RELEASABLE POKE-IN CONNECTOR
2834006-2 TEC-2834006-2 Datasheet
297Kb / 2P
MODULAR RELEASABLE POKE-IN CONNECTOR
More results

Similar Description - 28340

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM9709NBA ELM-ELM9709NBA Datasheet
210Kb / 10P
CMOS voltage detector IC for battery-operated portable devices
logo
National Semiconductor ...
LM1801 NSC-LM1801 Datasheet
235Kb / 8P
BATTERY OPERATED POWER COMPARATOR
logo
Extech Instruments Corp...
380340 EXTECH-380340 Datasheet
178Kb / 1P
Battery Operated Datalogger
DV25 EXTECH-DV25_15 Datasheet
194Kb / 1P
CAT IV AC Voltage Detector Flashlight
DV26 EXTECH-DV26 Datasheet
529Kb / 1P
CAT IV Non-contact Voltage Detector Flashlight
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
CAT IV 1000A Clamp Meter IR Thermometer
EX570 EXTECH-EX570_15 Datasheet
494Kb / 1P
CAT IV Industrial MultiMeter IR Thermometer
DM220 EXTECH-DM220_15 Datasheet
353Kb / 1P
CAT IV Pocket MultiMeter
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
SafeSense CAT IV Fused Test Leads
logo
List of Unclassifed Man...
HSPL8568 ETC-HSPL8568 Datasheet
576Kb / 1P
Ø 4 mm-Sicherheits-Programm CAT IV , Ø 4 mm Safety Programme CAT IV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com