Electronic Components Datasheet Search
  English  ▼

X  

29554 Datasheet(PDF) 1 Page - Wiha Tools

Part # 29554
Description  Interchangeable blade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

29554 Datasheet(HTML) 1 Page - Wiha Tools

  29554 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
170
Which product is available with which drive? Page 304
Interchangeable blade
Slotted for torque screwdriver with long handle
28590
Order-No.
26227
0,25
1,5
4
175
42
0,15
10
26228
0,4
2,0
4
175
42
0,4
10
26151
0,4
2,5
4
175
42
0,4
10
26277
0,5
3,0
4
175
42
0,6
10
26278
0,6
3,5
4
175
42
1,1
10
26279
0,8
4,0
4
175
42
2,5
10
Blade tip DIN ISO 2380-1.
Phillips for torque screwdriver with long handle
28591
Order-No.
26199
PH000
4
175
42
0,4
10
26196
PH00
4
175
42
0,4
10
26197
PH0
4
175
42
0,9
10
26058
PH1
4
175
42
3,8
10
27079
PH2
4
175
42
5,5
10
Blade tip DIN ISO 8764-1.
Pozidriv for torque screwdriver with long
handle
28592
Order-No.
26198
PZ0
4
175
42
0,9
10
26148
PZ1
4
175
42
3,8
10
26889
PZ2
4
175
42
5,5
10
Blade tip DIN ISO 8764-1.
TORX® MagicSpring® for torque screwdriver
with long handle
28595R
Order-No.
27818
T6
4
175
42
0,6
10
27812
T7
4
175
42
0,9
10
27813
T8
4
175
42
1,3
10
27814
T9
4
175
42
2,5
10
27815
T10
4
175
42
3,8
10
27816
T15
4
175
42
5,5
10
27817
T20
4
175
42
8,0
10
29467
T25
4
175
42
8,0
10
TORX® for torque screwdriver with long handle
28595
Order-No.
30852
T4
4
175
42
0,25
10
26158
T5
4
175
42
0,4
10
26064
T6
4
175
42
0,6
10
26065
T7
4
175
42
0,9
10
26066
T8
4
175
42
1,3
10
26059
T9
4
175
42
2,5
10
26067
T10
4
175
42
3,8
10
26068
T15
4
175
42
5,5
10
26069
T20
4
175
42
8,0
10
26070
T25
4
175
42
8,0
10
TORX PLUS® MagicSpring® for torque
screwdriver with long handle
28596R
Order-No.
29553
6IP
4
175
42
0,8
10
29554
7IP
4
175
42
1,3
10
29555
8IP
4
175
42
2,0
10
29556
9IP
4
175
42
3,0
10
29557
10IP
4
175
42
4,5
10
29558
15IP
4
175
42
6,6
10
29559
20IP
4
175
42
8,0
10
29560
25IP
4
175
42
8,0
10
TORX PLUS® for torque screwdriver with long
handle
28596
Order-No.
26159
5IP
4
175
42
0,5
10
26071
6IP
4
175
42
0,8
10
26152
7IP
4
175
42
1,3
10
26072
8IP
4
175
42
2,0
10
26154
9IP
4
175
42
3,0
10
26155
10IP
4
175
42
4,5
10
26073
15IP
4
175
42
6,6
10
26156
20IP
4
175
42
8,0
10
26157
25IP
4
175
42
8,0
10


Similar Part No. - 29554

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
29554 7 WIHA-29554 7 Datasheet
49Kb / 1P
Wiha Torque Screwdrivers.
logo
PHOENIX CONTACT
2955425 PHOENIX-2955425 Datasheet
55Kb / 3P
Relay base - UM-HOZ 462/1-1-1-2/G 24
09/12/2020
2955438 PHOENIX-2955438 Datasheet
72Kb / 2P
Module - UM-HOZ 462/1-1-1-2
2955441 PHOENIX-2955441 Datasheet
48Kb / 2P
Transparent hood, for one base element, UM-BEFE (with 2 UM-SE) snaps on, 60 mm wide, 50 mm high
logo
Belden Inc.
29554C BELDEN-29554C Datasheet
241Kb / 2P
VFD, 3C #6 Str BC XLPO Ins #6 Symm. Seg.
More results

Similar Description - 29554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
logo
FSP TECHNOLOGY INC.
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
Interchangeable AC plugs
FSP015-RCDM-NP FSP-FSP015-RCDM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RFMM FSP-FSP015-RFMM Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP025-RAAM FSP-FSP025-RAAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RCAM FSP-FSP030-RCAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
Interchangeable AC plugs
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com