Electronic Components Datasheet Search
  English  ▼

X  

30277 Datasheet(PDF) 2 Page - Wiha Tools

Part # 30277
Description  5 PIECE SOFTFINISH SLOTTED AND PHILLIPS SCREWDRIVER SET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30277 Datasheet(HTML) 2 Page - Wiha Tools

  30277 Datasheet HTML 1Page - Wiha Tools 30277 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Constructed of direct-molded dual durometer materials the SoftFinish driver handle stands
up to the heavy everyday use of professionals. Wiha screwdrivers consist of premium-
quality tool steel engineered for performance in high-demand environments pros see every
day. Each driver blade is precisely heat-treated delivering years of service life, and the
driver tips are precision machined for an exact fit, nearly eliminating the potential for
fastener head cam-out. Wiha premium quality SoftFinish Drivers are Manufactured in
Germany.
▪
Set Includes: Slotted 4.5, 6.5, 8.0mm | Phillips #1, #2
▪
SoftFinish cushion grip handle for comfort and control
▪
Dual durometer construction for long-lasting durability
▪
Handle direct molded to blade for permanent bond
▪
Handle size proportionate to blade for consistent mechanical advantage
▪
Parallel flats for roll-off prevention
▪
Tip profile labeled on cap for easy identification
▪
Wiha premium quality tool steel for strength and durability
▪
Chrome-plated satin finish for corrosion protection
▪
Exact fit precision machined tip for reduced cam-out
▪
Backed by the Wiha No Hassle Guarantee
▪
Manufactured in Germany
SPECS:
▪
SKU: 30277
▪
UPC: 084705302775
▪
Country of Origin: Germany
▪
Packaging: Clamshell
▪
Weight lb: 1.0 lb
▪
Case Pack Quantity: 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com