Electronic Components Datasheet Search
  English  ▼

X  

302 Datasheet(PDF) 1 Page - Wiha Tools

Part # 302
Description  Wiha SoftFinish® Handle - Standard Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

302 Datasheet(HTML) 1 Page - Wiha Tools

  302 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
68
Slotted Screwdriver, With Wiha-SoftFinish® Handle
Round blade, high alloy CVM, hardened, hard chromed.
Wiha-Chromtop tips. Handle, multi-component, cusion grip.
302
Phillips Screwdriver, With Wiha-SoftFinish® Handle
Round blade, high alloy CVM steel, hardened, hard chromed.
Wiha-Chromtop tips. Handle, multi-component, cusion grip.
311
Item
No.
mm Inch
mm Inch mm Inch mm Inch lbs. pkg.
302 05* 3.0
.118
100 3.9 0.5 .020 204 8.0
.06 10
302 10* 3.5
.139
100 3.9 0.6 .024 204 8.0
.07 10
302 15* 4.0
.157
100 3.9 0.8 .031 211 8.3
.11 10
302 17* 4.0
.157
150 5.9 0.8 .031 261 10.3 .12 10
302 18* 4.5
.187
80
3.1 0.8 .031 191 7.5
.11 10
302 11* 4.5
.187
125 5.0 0.8 .031 236 9.3
.12 10
302 19* 4.5
.187
150 5.9 0.8 .031 261 10.2 .12 10
302 20* 5.5
.216
125 5.0 1.0 .039 236 9.3
.15 10
302 38* 5.5
.216
300 11.8 1.0 .039 411 16.1 .24 10
302 22* 6.0
.250
100 3.9 1.2 .047 218 8.6
.17 10
302 23
6.5
.255
100 3.9 1.0 .039 218 8.6
.20 10
302 25
6.5
.255
150 5.9 1.2 .047 268 10.6 .22 10
302 27
8.0
.315
150 5.9 1.2 .047 274 10.8 .29 10
302 30
8.0
.315
175 7.0 1.2 .047 299 11.8 .30 10
302 35
10.0 .393
200 8.0 1.6 .063 324 12.8 .36 10
302 36
12.0 .472
250 9.8 2.0 .078 374 14.7 .52 10
*Cabinet Tips
Item
No.
Size mm
Inch mm Inch mm Inch lbs. pkg.
311 05
0
60
2.4
3.0
.118 164 6.5
.06 10
311 10
1
80
3.1
4.5
.177 191 7.5
.11 10
311 12
1
200
8.0
4.5
.177 311 12.3 .15 10
311 14
1
300
12.0 4.5
.177 411 16.2 .18 10
311 15
2
100
3.9
6.0
.236 218 8.6
.20 10
311 17
2
200
8.0
6.0
.236 318 12.5 .25 10
311 18
2
300
12.0 6.0
.236 418 16.5 .30 10
311 20
3
150
5.9
8.0
.315 274 10.8 .33 10
311 25
4
200
8.0
10.0 .393 323 12.7 .51 10
Wiha SoftFinish® Handle - Standard Series
Stubby Slotted Screwdriver, With Wiha-SoftFinish® Handle
Item
No.
mm Inch mm Inch mm Inch
mm Inch lbs. pkg.
302 39
4.0 .157 25
1.0
0.8
.031
75
2.95 .09
10
302 55
5.5 .216 25
1.0
1.0
.039
75
2.95 .09
10
302 65
6.5 .255 25
1.0
1.2
.047
75
2.95 .10
10
302
Stubby Phillips Screwdriver, With Wiha-SoftFinish® Handle
Item
No.
Size mm Inch mm
Inch
mm Inch lbs.
pkg.
311 35
1
25
1.0
4.5
.177
75
3.0
.09
10
311 40
2
25
1.0
6.0
.236
75
3.0
.10
10
311
Item
No.
Size mm
Inch mm Inch mm Inch lbs. pkg.
358 01
1
100
3.9
4.5
5/32 210 8.2
.12 10
358 02
2
150
5.9
5.0
1/4
268 10.5 .19 10
358 03
3
150
5.9
6.0
1/4
268 10.5 .22 10
Square Screwdriver, With Wiha-SoftFinish® Handle
Round blade high alloy chrome-vanadium-molybdenum steel,
hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-
SoftFinish® handle, multi-component, cushion grips.
358
Item
No.
Size mm
Inch mm Inch mm Inch lbs. pkg.
313 05
0
60
2.4
3.0
.118 164 6.5
.06 10
313 10
1
80
3.1
4.5
.177 191 7.5
.11 10
313 12
1
200
8.0
4.5
.177 311 12.3 .15 10
313 15
2
100
3.9
6.0
.236 218 8.6
.20 10
313 20
3
150
5.9
8.0
.315 274 10.8 .33 10
Pozidriv® Screwdriver, With Wiha-SoftFinish® Handle
Round blade high alloy chrome-vanadium-molybdenum steel,
hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-
SoftFinish® handle, multi-component, cushion grips.
313
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 302

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
302 DBLECTRO-302 Datasheet
326Kb / 1P
SCREW TYPE SERIES
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Vishay Siliconix
302 VISHAY-302 Datasheet
101Kb / 4P
2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
22-Nov-16
302 VISHAY-302 Datasheet
99Kb / 4P
2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
22-Nov-16
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
More results

Similar Description - 302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
00097 ETC1-00097 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
161-12 ETC2-161-12 Datasheet
250Kb / 1P
Wiha Flag Handle and Offset Screwdriver.
26539 ETC2-26539 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com