Electronic Components Datasheet Search
  English  ▼

X  

28547 Datasheet(PDF) 1 Page - Wiha Tools

Part # 28547
Description  Wiha Torque Control Blade & Handle Reference Chart
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28547 Datasheet(HTML) 1 Page - Wiha Tools

  28547 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wiha Torque Control Blade & Handle Reference Chart
Wiha Blade
Torque Blade
Max Recommended
Max Recommended
Adjustment Range
TorqueVario
Number
Style & Tip Size
Torque Newton Meters
Torque In Inch Lbs.
Handle Inch Lbs
Handle Number
Phillips
Blade No
Tip Size
Newton Meters
Inch Lbs.
Handle Inch Lbs
Handle Number
28540
Phillips 000
0.4
3.5
1 to 5
28501
28541
Phillips 00
0.9
8.0
5 to 10
28502
28542
Phillips 0
3.8
33.6
10 to 50
28506
28543
Phillips 1
5.5
48.6
20 to 70
28508
Slotted
Blade No
Tip Size
Newton Meters
Inch Lbs.
Handle Inch Lbs
Handle Number
28534
Slotted 1.5
0.15
1.3
1 to 5
28501
28535
Slotted 2.0
0.4
3.5
1 to 5
28501
28536
Slotted 2.5
0.4
3.5
1 to 5
28501
28537
Slotted 3.0
0.6
5.3
5 to 10
28502
28538
Slotted 3.5
1.1
9.7
7.5 to 20
28504
28539
Slotted 4.0
2.5
22.1
10 to 50
28506
Hex Metric
Blade No
Tip Size
Newton Meters
Inch Lbs.
Handle Inch Lbs
Handle Number
28545
Hex 1.5
0.9
8.0
5 to 10
28502
28546
Hex 2.0
1.8
15.9
7.5 to 20
28504
28547
Hex 2.5
3.8
33.6
10 to 50
28506
28548
Hex 3.0
6.6
58.3
20 to 70
28508
28549
Hex 4.0
8
70.7
20 to 70
28508
Hex Inch
Blade No
Tip Size
Newton Meters
Inch Lbs.
Handle Inch Lbs
Handle Number
28555
Hex 050
04
35
1to5
28501
28555
Hex .050
0.4
3.5
1 to 5
28501
28556
Hex 1/6
0.9
8.0
5 to 10
28502
28557
Hex 5/64
1.8
15.9
7 to 20
28504
28558
Hex 3/32
1.9
16.8
10 to 50
28506
28559
Hex 7/64
3.8
33.6
20 to 70
28508
28560
Hex 1/8
5.5
48.6
20 to 70
28508
28587
Hex 9/64
7.2
63.6
20 to 70
28508
28588
Hex 5/32
8
70.7
20 to 70
28508
Torx
Blade No
Tip Size
Newton Meters
Inch Lbs.
Handle Inch Lbs
Handle Number
28561
Torx T5
0.4
3.5
1 to 5
28501
28562
Torx T6
0.6
5.3
5 to 10
28502
28563
Torx T7
0.9
8.0
5 to 10
28502
28564
Torx T8
1.3
11.5
7.5 to 20
28504
28565
Torx T9
2.5
22.1
10 to 50
28506
28566
Torx T10
3.8
33.6
10 to 50
28506
28567
Torx T15
5.5
48.6
10 to 50
28506
28568
Torx T20
8
70.7
20 to 70
28508
28569
Torx T25
8
70.7
20 to 70
28508
Torx Plus
Blade No
Tip Size
Newton Meters
Inch Lbs.
Handle Inch Lbs
Handle Number
28571
Torx Plus IP5
0.5
4.4
1 to 5
28501
28572
Torx Plus IP6
0.8
7.1
5 to 10
28502
28573
Torx Plus IP7
1.3
11.5
7.5 to 20
28504
27574
Torx Plus IP8
2
17.7
7.5 to 20
28504
28575
Torx Plus IP9
3
26.5
10 to 50
28506
28576
Torx Plus IP10
4.5
39.8
10 to 50
28506
28577
Torx Plus IP15
6.6
58.3
20 to 70
28508
28578
Torx Plus IP20
8
70.7
20 to 70
28508
28579
Torx Plus IP25
8
70.7
20 to 70
28508
© Willi Hahn Corporation 2007


Similar Part No. - 28547

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28547 ETC2-28547 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
Wiha Tools
28547 WIHA-28547 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
logo
PHOENIX CONTACT
2854733 PHOENIX-2854733 Datasheet
57Kb / 4P
Base strip - MSTBO 2,5/ 3-G1R BU
2854762 PHOENIX-2854762 Datasheet
308Kb / 8P
ME 12,5 UTG KMGY - Mounting base housing
2854775 PHOENIX-2854775 Datasheet
66Kb / 5P
Component housing, Upper part, Color: light gray, Width: 12.5 mm, Constructional height: 38.5 mm
More results

Similar Description - 28547

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
00097 ETC1-00097 Datasheet
513Kb / 2P
Wiha Square Handle, The Classic Screwdriver for Multiple Applications
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
161-12 ETC2-161-12 Datasheet
250Kb / 1P
Wiha Flag Handle and Offset Screwdriver.
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
28200 ETC2-28200 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
28564 ETC2-28564 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
PSE18 ETC2-PSE18 Datasheet
292Kb / 5P
torque control.
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
Torque Control (FOC), Velocity Control, Position Control
logo
Heyco.
LTCG HEYCO-LTCG Datasheet
92Kb / 1P
Heyco® Liquid Tight Cordgrips Torque Chart
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com