Electronic Components Datasheet Search
  English  ▼

X  

29006 Datasheet(PDF) 1 Page - Wiha Tools

Part # 29006
Description  19 Pc. SlimLine Insulated Blade Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

29006 Datasheet(HTML) 1 Page - Wiha Tools

  29006 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
www.wihatools.com • USA | www.wihatools.ca • CANADA
19 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28398
Insulated Blade Set
1
Slotted: 3.0, 4.0, 5.5mm & Phillips: #1, 2
TORX: T8, T10, T15, T20 & Xeno: #1, 2
Xeno SL/PZ #1, 2, Sq: #1, 2 & Hex: 3.0, 4.0, 5.0mm
Insulated Cushion Grip Blade Holder
30 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28399
Insulated Blade Set
1
Slotted: 2.5, 3.0, 3.5, 4.0, 5.5, 6.5mm & Phillips: #1, 2
TORX: T8, T9, T10, T15, T20, T25 & Xeno: #1, 2
Xeno SL/PZ #1, 2, Sq: #1, 2, Pozidriv: #1, 2 &
Hex: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm
Insulated Cushion Grip Blade Holder
Insulated Adjustable TorqueVario-S Handle*
Item No. Description
Case Pack
28724
5-18 in/lbs.
1
28726
10-50 in/lbs.
1
28727
18-62 in/lbs.
1
+/-6% accuracy tolerance
Certificate of calibration
Direct Reading
Window Scale
Insulated Adj. Nm TorqueVario-S Handle*
Item No. Description
Case Pack
28734
0.5-2.0 Nm
1
28736
0.8-5.0 Nm
1
28738
2.0-7.0 Nm
1
In Newton Meter Scale
*Requires #28350 Blade Holder
*Requires #28350 Blade Holder
TorqueControl Insulated Socket Adapter
Item No. Description
Case Pack
28700
6.0 x 180mm
3
Insulated TorqueVario-S Handle & Blade Holder
Item No. Description
Case Pack
28750
5-18 in/lbs.
1
28751
10-50 in/lbs.
1
28752
18-62 in/lbs.
1
+/-6% accuracy tolerance
Certificate of calibration
Direct Reading
Window Scale
Insulated TorqueVario-S Handle & Blade Holder
Item No. Description
Case Pack
28740
0.5-2.0 Nm
1
28741
0.8-5.0 Nm
1
28742
2.0-7.0 Nm
1
In Newton Meter Scale
20 Pc. SlimLine Insulated Blade Set
Item No. Description
Case Pack
28781
Insulated Blade Set
1
Slotted: 2.5, 3.5, 4.0, 6.5mm
Phillips: #1, 2 (2 of #2) & Square: #1, 2
TORX: T10, T15, T20, T25 & Xeno Slt/Ph: #1, 2
TorqueVario-S Handle 10-50 in/lbs.
6.75” SlimLine Blade Holder & Torque Adj. Tool
Insulated SoftFinish® Cushion Grip Blade Holder
Insulated PicoFinish® SlimLine Blade Holder
8 Pc. Ins. TorqueControl SlimLine Blade Set
Item No. Description
Case Pack
28791
Slotted/Phillips Blade Set
1
Slotted: 3.0, 4.0, 5.5mm & Phillips: #1, 2
TorqueVario-S Handle 10-50 in/lbs.
SlimLine Blade Holder & Torque Adj. Tool
16 Pc. Ins. TorqueControl SlimLine Blade Set
Item No. Description
Case Pack
28792
SlimLine Blade Set
1
Slotted: 4.0, 5.5, 6.5mm & Phillips: #1, 2
Terminal Xeno: #1, 2 & Square: #1, 2
TORX: T8, T10, T15, T20
TorqueVario-S Handle 18-62 in/lbs.
SlimLine Blade Holder & Torque Adj. Tool
12 Pc. Ins. TorqueControl SlimLine Blade Set
Item No. Description
Case Pack
28795
SlimLine Blade Set
1
Slotted: 4.0, 5.5, 6.5mm & Phillips: #1, 2
Pozidriv®: #1, 2 & Terminal Xeno Slt/Ph: #2
TorqueVario-S Handle 0.8 - 5.0 Nm
SlimLine Blade Holder & Torque Adj. Tool
SlimLine Blade Holder Handle
SlimLine Blade Holder
11 Pc. Ins. TorqueControl SlimLine Blade Set
Item No. Description
Case Pack
28789
SlimLine Blade Set
1
Slotted: 4.0, 6.5mm & Phillips: #1, 2
Terminal Xeno: #1, 2 & Square: #1, 2
TorqueVario-S Handle 10-50 in/lbs.
SlimLine Blade Holder & Torque Adj. Tool
Insulated 1/4” Drive T-Handle
Item No. Description
Case Pack
29006
1/4” x 160mm OAL
1
Insulated 3/8” Drive T-Handle
Item No. Description
Case Pack
29009
3/8” x 200mm OAL
1
Insulated 1/2” Drive T-Handle
Item No. Description
Case Pack
29012
1/2” x 200mm OAL
1
Insulated End Cutters
Item No. Description
Case Pack
29250
10”/250mm OAL
1
Insulated Ratcheting Torque Wrenches
Item No. Description
Case Pack
30114
1/4” Drive, 5-25Nm
1
30138
3/8” Drive, 5-50Nm
1
30152
1/2” Drive, 40-220Nm
1
Insulated Terminal Block Xeno Screwdrivers
Item No. Description
Case Pack
30700
1 x 80mm
10
30701
2 x 100mm
10
Insulated Terminal Block Xeno Screwdrivers
Item No. Description
Case Pack
30711
1 x 80mm
10
30712
2 x 100mm
10
(Slotted/Pozidriv®)
(Slotted/Phillips)
16 Pc. Insulated 3/8” Drive Metric Socket Set
Item No. Description
Case Pack
30192
Ins. 3/8” Dr. Socket Set
1
Metric: 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20mm
125mm & 250mm Extension Bar - 3/8” Drive
3/8” Drive Ratcheting Torque Wrench 5-50Nm
3/8”
Drive
16 Pc. Insulated 3/8” Drive Inch Socket Set
Item No. Description
Case Pack
30190
Ins. 3/8” Dr. Socket Set
1
13 Inch Sockets: 1/4” - 7/8”
125mm & 250mm Extension Bar - 3/8” Drive
3/8” Drive Ratcheting Torque Wrench 5-50Nm
Insulated Terminal Block Xeno Screwdrivers
Item No. Description
Case Pack
30746
1 x 80mm
3
30747
2 x 100mm
3
SlimLine (Slotted/Phillips)
2 Pc. Insulated Terminal Block Xeno Set
Item No. Description
Case Pack
30770
Terminal Block Xeno Set
3
Slt/Ph Xeno: #1, 2
SlimLine (Slotted/Phillips)
Insulated 1/4” Drive Metric Sockets
Item No. Description
Case Pack
31326
5mm
3
31327
6mm
3
31328
7mm
3
31329
8mm
3
31330
9mm
3
31331
10mm
3
31332
11mm
3
31333
12mm
3
31334
13mm
3
31335
14mm
3
Insulated 1/4” Drive Inch Sockets
Item No. Description
Case Pack
31336
3/16”
3
31337
7/32”
3
31338
1/4”
3
31339
9/32”
3
31340
5/16”
3
31341
11/32”
3
31342
3/8”
3
31343
7/16”
3
31344
1/2”
3
31345
9/16”
3
13 Pc. Insulated 1/4” Drive Inch Socket Set
Item No. Description
Case Pack
31390
Insulated 1/4” Socket Set
1
3/16, 7/32, 1/4, 9/32, 5/16, 11/32, 3/8, 7/16, 1/2, 9/16”
50mm & 100mm Extension Bar - 1/4”
140mm Ratchet - 1/4”
13 Pc. Insulated 1/4” Drive Metric Socket Set
Item No. Description
Case Pack
31391
Insulated 1/4” Socket Set
1
Metric: 5, 6, 7, 8, 9, 10, 11, 12, 13, 14mm
50mm & 100mm Extension Bar - 1/4”
140mm Ratchet - 1/4”
1/4” Drive
Insulated 1/4 - 3/8” Socket Adapter/Reducer
Item No. Description
Case Pack
31350
1/4 to 3/8” Adapter
3


Similar Part No. - 29006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
29006 ETC2-29006 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
Belden Inc.
29006 BELDEN-29006 Datasheet
148Kb / 2P
600V ACIC, (12) 16 AWG (7x24) BCGrd, XLPE/PVC/PVC, AIA Armor
12-20-2022
logo
Wiha Tools
29006 WIHA-29006 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
PHOENIX CONTACT
2900622 PHOENIX-2900622 Datasheet
55Kb / 3P
Front adapters - FLKM-PA-D37/HW/AN/C300
2900676 PHOENIX-2900676 Datasheet
69Kb / 5P
Interface module - VIP-2/SC/D37SUB/M
More results

Similar Description - 29006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9019 ETC2-9019 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
9071 ETC2-9071 Datasheet
100Kb / 2P
INSULATED PC SPACERS/SUPPORTS
BU-00285 ETC2-BU-00285 Datasheet
63Kb / 1P
Insulated Mini-Alligator Lead Set
BU-00286 ETC2-BU-00286 Datasheet
63Kb / 1P
Insulated Alligator Lead Set
BU-00287 ETC2-BU-00287 Datasheet
63Kb / 1P
Insulated Alligator Lead Set
logo
Bourns Electronic Solut...
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
PC - Slimline 22 mm Square Single Turn Panel Control
logo
Beckhoff Automation Gmb...
C5240 BECKHOFF-C5240 Datasheet
133Kb / 1P
19-inch slide-in Industrial PC
logo
List of Unclassifed Man...
63364 ETC-63364 Datasheet
100Kb / 1P
Moving Blade Set for Pre-2017 Edition
logo
KISTLER INSTRUMENT CORP...
914XBA-SET KISTLER-914XBA-SET Datasheet
841Kb / 5P
Set SlimLine with Integrated, Single-Component SlimLine Shear Force Sensor
logo
FIBOX Enclosing innovat...
3530622 FIBOX-3530622 Datasheet
47Kb / 1P
PC Hinge set, 1 pair
31.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com