Electronic Components Datasheet Search
  English  ▼

X  

08909 Datasheet(PDF) 1 Page - Wiha Tools

Part # 08909
Description  Interchangeable blade SYSTEM 6
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

08909 Datasheet(HTML) 1 Page - Wiha Tools

  08909 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
190
Which drives are used for each individual product? Page 304
Interchangeable blade SYSTEM 6
Slotted
284
Order-No.
27627
3,5
4,5
0,6
0.8
150
6,0
5
00629
4,0
6,0
0,8
1.0
150
6,0
5
00630
5,5
6,5
1,0
1.2
150
6,0
5
Slotted, Phillips
284
Order-No.
00665
4,0
PH1
0,8
150
6,0
5
00666
6,0
PH2
1,0
150
6,0
5
00667
6,5
PH3
1,2
150
6,0
5
Phillips
284
Order-No.
00631
PH1
PH2
150
6.0
5
27628
PH2
PH3
150
6.0
5
Pozidriv
284
Order-No.
00632
PZ1
PZ2
150
6.0
5
27629
PZ2
PZ3
150
6.0
5
TORX®
284
Order-No.
00654
T6
T8
150
6.0
5
00655
T7
T9
150
6.0
5
00656
T10
T15
150
6.0
5
00657
T20
T25
150
6.0
5
00658
T30
T40
150
6.0
5
TORX® Tamper Resistant (with hole)
284
Order-No.
27630
T6H
T8H
150
6.0
5
27631
T7H
T9H
150
6.0
5
27632
T10H T15H
150
6.0
5
27633
T20H T25H
150
6.0
5
27634
T30H T40H
150
6.0
5
Ball end hex
284
Order-No.
00635
2,5
2,5
150
6.0
5
00636
3
3
150
6.0
5
00637
4•
4
150
6.0
5
00638
5•
5
150
6.0
5
00639
6•
6
150
6.0
5
Torq-Set®
284
Order-No.
27635
TS2
TS4
150
6.0
5
27636
TS6
TS8
150
6.0
5
Tri-Wing® 1/4"
284
Order-No.
27637
TW0
TW1
150
6.0
5
27638
TW2
TW3
150
6.0
5
27639
TW4
TW5
150
6.0
5
1/4" square adapter for nut driver inserts
7803
Order-No.
03883
1/4
150
6,0
5
Interchangeable blade SYSTEM 6
Interchangeable blade SYSTEM 6
Hex nut driver
U 106
Order-No.
08900
4,0
150
6,0
1
08901
4,5
150
6,0
1
08902
5,0
150
6,0
1
08903
5,5
150
6,0
1
08904
6,0
150
6,0
1
08905
7,0
150
6,0
1
08906
8,0
150
6,0
1
08907
9,0
150
6,0
1
08908
10,0
150
6,0
1
08909
11,0
150
6,0
1
08911
13,0
150
6,0
1
Bit holder SYSTEM 6 clamping with ball
7802
Order-No.
03882
1/4
150
6,0
10
5
• With ball end


Similar Part No. - 08909

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0890746821 MOLEX10-0890746821 Datasheet
299Kb / 5P
1.27mm Pitch PC Card Receptacle - Straddle Mount, Offset Tail Versions
More results

Similar Description - 08909

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q-720-BW QUALTEK-Q-720-BW Datasheet
197Kb / 1P
NEMA 6-15P STRAIGHT BLADE DEVICE
Q-722-BW QUALTEK-Q-722-BW Datasheet
194Kb / 1P
NEMA 6-15R STRAIGHT BLADE DEVICE
Q-726 QUALTEK-Q-726 Datasheet
201Kb / 1P
NEMA 6-20P STRAIGHT BLADE DEVICE
Q-728-BW QUALTEK-Q-728-BW Datasheet
194Kb / 1P
NEMA 6-20R STRAIGHT BLADE DEVICE
logo
List of Unclassifed Man...
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
logo
NEC
10U NEC-10U Datasheet
597Kb / 2P
Blade System Enclosures
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
logo
Linx Technologies
ANT-W63WS1 LINX-ANT-W63WS1 Datasheet
1Mb / 14P
Blade-Style Dipole WiFi 6 Antenna
2020
ANT-W63WS4-SMA LINX-ANT-W63WS4-SMA Datasheet
1Mb / 14P
Hinged Blade WiFi 6/6E Antenna
2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com