Electronic Components Datasheet Search
  English  ▼

X  

01704 Datasheet(PDF) 1 Page - Wiha Tools

Part # 01704
Description  Standard Bit, Hex, Style C 6.3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01704 Datasheet(HTML) 1 Page - Wiha Tools

  01704 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01727
T10H 25
10
01728
T15H 25
10
01729
T20H 25
10
01730
T25H 25
10
7013 Z
Standard Bit, Hex, Style C 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style C 6.3.
Application
For all types of screw applications in trade and industry.
Order No.
01703
2,0
25
10
01704
2,5
25
10
01705
3,0
25
10
7041 Z
Standard Bit, Phillips, Style E 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style E 6.3.
Application
For all types of screw applications in trade and industry.
Extra
Overlength bits available in lengths of 70, 90, 110, 127 and 150 mm.
Order No.
01803
PH1
70
5
Page 3 of 6


Similar Part No. - 01704

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
01704 WIHA-01704 Datasheet
551Kb / 2P
DuraBit, Pozidriv, Style E 6.3
logo
Weidmuller
0170420000 WEIDMULLER-0170420000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 01704

ManufacturerPart #DatasheetDescription
logo
FCI connector
8609XXX81X4XX5 FCI-CONNECTOR-8609XXX81X4XX5 Datasheet
228Kb / 1P
DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C)
8609XXX7113XX5 FCI-CONNECTOR-8609XXX7113XX5 Datasheet
213Kb / 1P
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
C-8609-2003 FCI-CONNECTOR-C-8609-2003 Datasheet
72Kb / 1P
DIN STANDARD HEADER DIN 41612 STYLE C/2
86093968114755V1LF FCI-CONNECTOR-86093968114755V1LF Datasheet
192Kb / 1P
DIN STANDARD RECEPTACLE STRAIGHT SPILL DIN 41612 STYLE-C
logo
American Electronic Com...
DG05 AEC-DG05 Datasheet
172Kb / 2P
industry standard style
DG34 AEC-DG34 Datasheet
350Kb / 3P
Industry standard style
DX84 AEC-DX84 Datasheet
209Kb / 2P
industry standard style
DX85 AEC-DX85 Datasheet
188Kb / 2P
industry standard style
logo
Amphenol Communications...
C-8609-2003 AMPHENOLCS-C-8609-2003 Datasheet
93Kb / 1P
DIN STANDARD HEADER DIN 41612 STYLE C/2
Rev H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com