Electronic Components Datasheet Search
  English  ▼

X  

7042 Datasheet(PDF) 1 Page - Wiha Tools

Part # 7042
Description  DuraBit, Pozidriv, Style E 6.3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

7042 Datasheet(HTML) 1 Page - Wiha Tools

  7042 Datasheet HTML 1Page - Wiha Tools 7042 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7042 DR
DuraBit, Pozidriv, Style E 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Geometry
Patented torsion zone to prevent premature breaking of the bit when under stress.
Coating
Hard-metal coating, extremely wear-resistant.
Drive
DIN 3126, ISO 1173, Style E 6.3.
Application
For effortless, safe working in demanding industrial applications and on delicate
surfaces.
Extra
Non-corrosive coating.
Extremely wear-resistant Dura tip with hard-metal coating grips into the screw
head and prevents the bit from slipping.
Order No.
23394
PZ1
50
5
23396
PZ2
50
5
23398
PZ3
50
5
7015 Z TR
Standard Bit, TORX® H, Style C 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style C 6.3.
Application
For all types of screw applications in trade and industry.
Extra
Hole in the bit tip for TORX® Tamper Resistant security screws.
Order No.
Page 2 of 6


Similar Part No. - 7042

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
BNC (M) Crimp 75 廓
logo
List of Unclassifed Man...
7042 ETC2-7042 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7042 ETC2-7042 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7042 ETC2-7042 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Keystone Electronics Co...
7042 KEYSTONE-7042 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results

Similar Description - 7042

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78304BA003 EPCOS-B78304BA003 Datasheet
530Kb / 5P
Inductors DC/DC converters E 6.3
logo
List of Unclassifed Man...
MS04050006081FA ETC2-MS04050006081FA Datasheet
704Kb / 1P
pozidriv cross recessed pan head machine screws
logo
Tensility International...
50-00087 TENSILITY-50-00087 Datasheet
337Kb / 2P
Connector, 6.3 mm 2 conductor audio plug, nickel plated brass, molding style
logo
JMK Inc.
FF-2142-6.3 JMK-FF-2142-6.3 Datasheet
203Kb / 2P
FF-2142-6.3
logo
PHOENIX CONTACT
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
logo
SparkFun Electronics
ROB-14076 SPARKFUN-ROB-14076 Datasheet
92Kb / 1P
Motor Mount - E Style
12/16/2016
logo
METZ CONNECT GmbH
130910KI METZ-130910KI Datasheet
1Mb / 10P
E-DAT modul Cat.6A K jack - Keystone style
2023/02/14 Version: AS
logo
List of Unclassifed Man...
BN82428 ETC-BN82428 Datasheet
137Kb / 2P
Pozi pan head screws with cross recess Pozidriv type Z
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com