| Electronic Components Datasheet Search |
|
27775 Datasheet(PDF) 2 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
27775 Datasheet(HTML) 2 Page - Wiha Tools |
|
2 / 4 page ![]() PicoFinish® Precision Screwdrivers Slotted Screwdriver, With Precision PicoFinish® ESD Safe Dissipative Handle* Blade high alloy MoV steel. Handle manufactured from impact resistant, dissipative material. ESD standard IEC 61340-5-1. Item No. mm Inch mm Inch mm mm Inch .8 1/32 40 1.6 0.16 135 5.3 1.0 .039 40 1.6 0.18 135 5.3 1.2 3/64 40 1.6 0.20 135 5.3 1.5 1/16 40 1.6 0.25 135 5.3 2.0 5/64 40 1.6 0.40 142 5.6 2.0 5/64 100 3.9 0.40 202 8.0 2.5 3/32 50 2.0 0.40 152 6.0 2.5 3/32 100 3.9 0.40 202 8.0 3.0 1/8 50 2.0 0.50 152 6.0 3.0 1/8 100 3.9 0.50 202 8.0 3.5 9/64 60 2.4 0.60 162 6.4 4.0 5/32 60 2.4 0.80 162 6.4 *Metric dimensions actual - Inch dimensions approximate Phillips Screwdriver, With Precision PicoFinish® ESD Safe Dissipative Handle* Blade high alloy MoV steel. Handle manufactured from impact resistant, dissipative material. ESD standard IEC 61340-5-1. Item No. Size mm Inch mm Inch mm Inch 000 40 1.6 2.0 .08 135 5.3 00 40 1.6 2.0 .08 135 5.3 0 50 2.0 3.0 .12 152 6.0 0 100 3.9 3.0 .12 202 8.0 1 60 2.3 4.0 .16 162 6.4 1 100 3.9 4.0 .16 182 7.2 *Metric dimensions actual - Inch dimensions approximate 27270 27271 27272 27273 27274 27275 27276 27277 27278 27279 27280 27281 272 27330 27331 27332 27333 27334 27335 273 Hex Metric Driver, With Precision PicoFinish® ESD Safe Dissipative Handle* Item No. mm mm Inch mm Inch 0.7 40 1.6 135 5.3 0.9 40 1.6 135 5.3 1.3 40 1.6 135 5.3 1.5 50 2.0 145 5.7 2.0 50 2.0 152 6.0 2.5 60 2.4 162 6.4 3.0 60 2.4 162 6.4 *Metric dimensions actual - Inch dimensions approximate Hex Inch Driver, With Precision PicoFinish® ESD Safe Dissipative Handle* Blade high alloy MoV steel. Handle manufactured from impact resistant, dissipative material. ESD standard IEC 61340-5-1. Item No. Inch mm Inch mm Inch 0.028 40 1.6 135 5.3 0.035 40 1.6 135 5.3 0.05 40 1.6 135 5.3 1/16 50 2.0 145 5.7 5/64 50 2.0 152 6.0 3/32 60 2.0 162 6.4 7/64 60 2.4 162 6.4 1/8 60 2.4 162 6.4 *Metric dimensions actual - Inch dimensions approximate 275 Metric 27550 27551 27552 27553 27554 27555 27556 275 Inch 27550 27551 27552 27557 27554 27558 27559 27560 Screwdriver, With Precision PicoFinish® ESD Safe Dissipative Handle* Blade high alloy MoV steel. Handle manufactured from impact resistant, dissipative material. ESD standard IEC 61340-5-1. Item No. Size mm Inch mm Inch T1 40 1.6 135 5.3 T2 40 1.6 135 5.3 T3 40 1.6 135 5.3 T4 40 1.6 135 5.3 T5 40 1.6 135 5.3 T6 40 1.6 142 5.6 T7 40 1.6 142 5.6 T8 40 1.6 142 5.6 T9 50 2.0 152 6.0 T10 50 2.0 152 6.0 T15 60 2.4 162 6.4 T20 60 2.4 162 6.4 *Metric dimensions actual - Inch dimensions approximate 27860 27861 27862 27863 27864 27865 27866 27867 27868 27869 27870 27871 278 Inch Nut Driver, With Precision PicoFinish® ESD Safe Dissipative Handle* Blade high alloy MoV steel. Item No. Inch mm Inch Inch Inch Inch 3/32 60 2.4 6.4 .16 .16 7/64 60 2.4 6.4 .20 .20 1/8 60 2.4 6.4 .20 .20 9/64 60 2.4 6.4 .21 .24 5/32 60 2.4 6.4 .22 .24 3/16 60 2.4 6.4 .25 .28 7/32 60 2.4 6.4 .30 .32 1/4 60 2.4 6.4 .34 .36 *Metric dimensions actual - Inch dimensions approximate ESD standard IEC 61340-5-1 277 27770 27771 27772 27773 27774 27775 27776 27777 Metric Nut Driver, With Precision PicoFinish® ESD Safe Dissipative Handle* Blade high alloy MoV steel. Item No. mm mm Inch mm Inch Inch 1.5 60 2.4 162 2.5 3.0 2.0 60 2.4 162 3.2 4.0 2.5 60 2.4 162 4.0 4.0 3.0 60 2.4 162 5.0 5.0 3.5 60 2.4 162 5.3 6.0 4.0 60 2.4 162 5.5 6.0 4.5 60 2.4 162 6.2 7.0 5.0 60 2.4 162 6.8 7.0 5.5 60 2.4 162 7.6 8.0 *Metric dimensions actual - Inch dimensions approximate 277 27780 27781 27782 27783 27784 27785 27786 27787 27788 Precision PicoFinish® Chip Lifter* - ESD Safe Blade MoV steel, hardened, corrosion resistant finish. Precision handle high quality plastic, Dissipative material. Item No. mm mm mm mm Inch 1 3.5 50 152 6.0 Surface resistance of handles is 106 - 109 Ohms 27921 27921 ESD standard IEC 61340-5-1 List $11.08 $10.66 $10.36 $9.32 $7.96 $8.58 $8.24 $9.16 $8.32 $9.16 $9.02 $8.94 List $12.74 $12.74 $12.24 $12.24 $12.24 $12.24 $12.24 $12.24 $12.24 $12.68 $12.86 $12.86 List $11.08 $8.54 $8.54 $9.42 $8.78 $9.34 List $10.48 $10.12 $9.32 $8.04 $7.94 $8.04 $8.04 $8.04 List $10.48 $10.12 $9.32 $8.28 $7.94 $8.14 $8.18 List $13.74 $13.74 $13.74 $13.74 $13.74 $13.74 $13.74 $13.74 $13.74 List $13.86 $13.86 $13.86 $13.86 $13.86 $13.86 $13.86 $13.86 List $11.44 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |