Electronic Components Datasheet Search
  English  ▼

X  

01704 Datasheet(PDF) 2 Page - Wiha Tools

Part # 01704
Description  DuraBit, Pozidriv, Style E 6.3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01704 Datasheet(HTML) 2 Page - Wiha Tools

  01704 Datasheet HTML 1Page - Wiha Tools 01704 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01727
T10H 25
10
01728
T15H 25
10
01729
T20H 25
10
01730
T25H 25
10
7013 Z
Standard Bit, Hex, Style C 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style C 6.3.
Application
For all types of screw applications in trade and industry.
Order No.
01703
2,0
25
10
01704
2,5
25
10
01705
3,0
25
10
7041 Z
Standard Bit, Phillips, Style E 6.3.
Material
High grade chrome-vanadium steel, through hardened.
Drive
DIN 3126, ISO 1173, Style E 6.3.
Application
For all types of screw applications in trade and industry.
Extra
Overlength bits available in lengths of 70, 90, 110, 127 and 150 mm.
Order No.
01803
PH1
70
5
Page 3 of 6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com