Electronic Components Datasheet Search
  English  ▼

X  

19136200 Datasheet(PDF) 2 Page - Lapp.

Part # 19136200
Description  EPIC® Rectangular Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

19136200 Datasheet(HTML) 2 Page - Lapp.

  19136200 Datasheet HTML 1Page - Lapp. 19136200 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
375
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
All dimensions are in mm.
SURFACE MOUNT BASES
CABLE COUPLER HOODS
Dust cover with double lever bolts and attachment string: 101420KIT
Dust cover with double lever bolts and attachment string: 101420KIT
EPIC® Rectangular Connectors
HBE 32 Housings: Double Levers on Base
2 Entries
1 Entry
# of
Entries
1”
1”
PG
NPT
Size of Entry
29
29
Metric
32
32
101380NP
101370NP
PG
NPT
Part Numbers
101380C0
101370C0
Metric
19138000
19137000
52015760
52015760
PG- Nylon
PG- Metal
Complete your installation with a SKINTOP®, Pg 352
53015160
53015160
Metric- Nylon
53111040
53111040
Specifications:
Temperature Range:
Protection class:
Material:
DIN 43652
-40°C to +125°C
NEMA 4, NEMA 12, IP65
Aluminum alloy, powder coated
Specifications:
Temperature Range:
Protection class:
Material:
DIN 43652
-40°C to +125°C
NEMA 4, NEMA 12, IP65
Aluminum alloy, powder coated
Metric- Metal
53112040
53112040
3/4”
1”
PG
NPT
Size of Entry
21
29
Metric
-
32
101390NP
101395NP
PG
NPT
Part Numbers
101390C0
101395C0
Metric
-
19139500
52015750
52015760
PG- Nylon
PG- Metal
Complete your installation with a SKINTOP®, Pg 352
53015150
53015160
Metric- Nylon
-
53111040
Metric- Metal
-
53112040



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com