Electronic Components Datasheet Search
  English  ▼

X  

1121060C Datasheet(PDF) 2 Page - Lapp.

Part # 1121060C
Description  2.1 EPIC® CONTOOL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1121060C Datasheet(HTML) 2 Page - Lapp.

  1121060C Datasheet HTML 1Page - Lapp. 1121060C Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
152
2
MC gedrehte Kontakte - Kontaktdurchmesser 3,6 mm
MC machined contacts - contact diameter 3,6 mm
MC contacts décolletés - contact diamètre 3,6 mm
Artikel
Version
Art.Nr.
Leiterquerschnitt
Abisolierlänge
Oberfläche
VPE
part
version
part No.
wire gauge
stripping length
plating
packing unit
article
version
N° art.
section
longueur de dénuder
surface
conditionnement
(mm2)
(mm)
MC 3,6
Stift / male / mâle
1121070C
1,5
10,0
Ag
100
gedreht
Buchse / female / femelle
1121570C
1,5
10,0
Ag
100
machined
Stift / male / mâle
1121060C
2,5
10,0
Ag
100
décolleté
Buchse / female / femelle
1121560C
2,5
10,0
Ag
100
Stift / male / mâle
1121000C
4,0
10,0
Ag
100
Buchse / female / femelle
1121500C
4,0
10,0
Ag
100
Stift / male / mâle
1121010C
6,0
10,0
Ag
100
Buchse / female / femelle
1121510C
6,0
10,0
Ag
100
Stift / male / mâle
1121020C
10,0
10,0
Ag
100
Buchse / female / femelle
1121520C
10,0
10,0
Ag
100
Einsätze / Inserts / Inserts:
1.10: MCS 3 CM / MCB 3 CM
2.1 EPIC
®
CONTOOL
Kontakte und Werkzeuge / Contacts and Tools / Contacts et Outillage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com