Electronic Components Datasheet Search
  English  ▼

X  

13162000 Datasheet(PDF) 1 Page - Lapp.

Part # 13162000
Description  2.1 EPIC® CONTOOL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

13162000 Datasheet(HTML) 1 Page - Lapp.

  13162000 Datasheet HTML 1Page - Lapp. 13162000 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
142
2
Technische Daten:
Crimpkontakte:
• Kontakte für Crimpanschluss: . .gedreht, gestanzt
• Kontakte: . . . . . . . . . . . . . . . . . . .Kupferlegierung, versilbert/vergoldet
• Anschlussquerschnitt: . . . . . . . . .0,14 – 10 mm2
• Kontaktdurchmesser: . . . . . . . . .1,0 – 3,6 mm
Koax-Kontakte:
• Anschlusstechnik: . . . . . . . . . . . .Crimp, Löt
• Kontakte: . . . . . . . . . . . . . . . . . . .Kupferlegierung, vergoldet
• Kabeltypgröße: . . . . . . . . . . . . . .RG 58
• Wellenwiderstand: . . . . . . . . . . . .50 Ohm
Technical Data:
Crimp Contacts
• Contacts for crimp termination: . . . .machined, stamped
• Contacts: . . . . . . . . . . . . . . . . . . . . .copper alloy, silver plated/gold plated
• Wire gauge: . . . . . . . . . . . . . . . . . . . .0.14 – 10 mm2
• Contact diameter: . . . . . . . . . . . . . . .1.0 – 3.6 mm
Coax contacts
• Wire termination: . . . . . . . . . . . . . . . crimp, solder
• Contacts: . . . . . . . . . . . . . . . . . . . . . copper alloy, gold plated
• Cable size: . . . . . . . . . . . . . . . . . . . . RG 58
• Impedance: . . . . . . . . . . . . . . . . . . . 50 Ohm
Caractéristiques techniques:
• Contacts à sertir: . . . . . . . . . . . . .décolletés, estampés
• Contacts: . . . . . . . . . . . . . . . . . . .alliage cuivre, argenté/doré
• Raccordement: . . . . . . . . . . . . . . 0,14 – 10 mm2
• Diamètre de contacts: . . . . . . . . .1,0 – 3,6 mm
Contact koax
• Raccordement: . . . . . . . . . . . . . . à sertir, à souder
• Contacts: . . . . . . . . . . . . . . . . . . .alliage cuivre, doré
• Taille de câbles: . . . . . . . . . . . . . .RG 58
• Impédance: . . . . . . . . . . . . . . . . . 50 Ohm
2.1 EPIC
®
CONTOOL
Kontakte und Werkzeuge / Contacts and Tools / Contacts et Outillage


Similar Part No. - 13162000

ManufacturerPart #DatasheetDescription
logo
Lapp.
13162000 LAPP-13162000 Datasheet
99Kb / 1P
EPIC® H-D 1.6 Machined Contacts
17.09.2018
More results

Similar Description - 13162000

ManufacturerPart #DatasheetDescription
logo
Lapp.
10019000 LAPP-10019000 Datasheet
176Kb / 2P
EPIC® CODING PIN
29.08.2022
44423017 LAPP-44423017 Datasheet
74Kb / 1P
EPIC® FIXING SCREWS
17.09.2018
44423140 LAPP-44423140 Datasheet
216Kb / 2P
EPIC® POWER M12
31.08.2023
44423144 LAPP-44423144 Datasheet
205Kb / 2P
EPIC® POWER M12
31.08.2023
44423232 LAPP-44423232 Datasheet
86Kb / 1P
EPIC® MH 0
17.09.2018
44429300 LAPP-44429300 Datasheet
137Kb / 2P
EPIC® LS1.5 F6
17.09.2018
44429306 LAPP-44429306 Datasheet
160Kb / 2P
EPIC® LS1.5 A3
17.09.2018
44429310 LAPP-44429310 Datasheet
139Kb / 2P
EPIC® LS1.5 D6
17.09.2018
44429316 LAPP-44429316 Datasheet
136Kb / 2P
EPIC® LS1.5 A6
17.09.2018
22260127 LAPP-22260127 Datasheet
425Kb / 4P
EPIC® SENSOR M12
13.01.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com