Electronic Components Datasheet Search
  English  ▼

X  

66725 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 66725
Description  HALOPIN COMPACT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66725 Datasheet(HTML) 2 Page - OSRAM GmbH

  66725_V01 Datasheet HTML 1Page - OSRAM GmbH 66725_V01 Datasheet HTML 2Page - OSRAM GmbH 66725_V01 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
The smallest mains voltage halogen lamp of OSRAM
HALOPIN COMPACT
HAL M-M, Edition 03/03
2/3
Subject to alteration
Light data:
Maintenance
Decrease of luminous flux < 20% after 75% of the nominal life time
Colour temperature
2800 K
± 100
NIOSH-threshold
> 100 h bei 1000 lx
Erythem-threshold
> 600 h bei 1000 lx
Bleaching effect
Reduced up to 80% (depending on the illuminated material), due to UV-absorbing quartz glass
Geometry:
Values in mm
66725/AM; 66740/AM
Overall length C
Max. 43,0 mm
LCL H
22,0 mm
Bulb-
∅ D
Max. 14,0 mm
!
Please note:
Dimensions and tolerances are subject to change within the IEC regulations! Not explicitly
given dimensions cannot be evaluated by measuring lamp samples!
H
C
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com