Electronic Components Datasheet Search
  English  ▼

X  

DS5840 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # DS5840
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS5840 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button DS5840 Datasheet HTML 11Page - OSRAM GmbH DS5840 Datasheet HTML 12Page - OSRAM GmbH DS5840 Datasheet HTML 13Page - OSRAM GmbH DS5840 Datasheet HTML 14Page - OSRAM GmbH DS5840 Datasheet HTML 15Page - OSRAM GmbH DS5840 Datasheet HTML 16Page - OSRAM GmbH DS5840 Datasheet HTML 17Page - OSRAM GmbH DS5840 Datasheet HTML 18Page - OSRAM GmbH DS5840 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
2. Lamp data
14
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
2.1.5 OSRAM DULUX® T
2.1.6 OSRAM
DULUX® T/E
Type
Overall length1)
Overall length1)
Maximum length
Base
l1 max.
l2 max.
l1 to IEC
mm
mm
mm
OSRAM DULUX® T/E 13 W
90
106
90
GX24 q-1
OSRAM DULUX® T/E 18 W
100
116
110
GX24 q-2
OSRAM DULUX® T/E 26 W
115
131
130
GX24 q-3
OSRAM DULUX® T/E 32 W
131
147
145
GX24 q-3
OSRAM DULUX® T/E 42 W
152
168
155
GX24 q-4
1)
- 6 mm tolerance
Type
Overall length1)
Overall length1)
Maximum length
Base
l1 max.
l2 max.
l1 to IEC
mm
mm
mm
OSRAM DULUX® T 13 W
90
113
90
GX24 d-1
OSRAM DULUX® T 18 W
100
123
110
GX24 d-2
OSRAM DULUX® T 26 W
115
138
130
GX24 d-3
1)
- 6 mm tolerance
OSRAM
G X 24 d-1
G X 24 d-2
G X 24 d-3
G X 24 q-1
G X 24 q-2
G X 24 q-3
G X 24 q-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com