Electronic Components Datasheet Search
  English  ▼

X  

28532 Datasheet(PDF) 7 Page - Wiha Tools

Part # 28532
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28532 Datasheet(HTML) 7 Page - Wiha Tools

Back Button 28532 Datasheet HTML 3Page - Wiha Tools 28532 Datasheet HTML 4Page - Wiha Tools 28532 Datasheet HTML 5Page - Wiha Tools 28532 Datasheet HTML 6Page - Wiha Tools 28532 Datasheet HTML 7Page - Wiha Tools 28532 Datasheet HTML 8Page - Wiha Tools 28532 Datasheet HTML 9Page - Wiha Tools 28532 Datasheet HTML 10Page - Wiha Tools 28532 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
“easy” Torque
Torque accuracy
of +/- 10% to
5000 cycles
Each tool
factory
preset
Economical
Torque Control
for tooling
assembly and
repair
Reverse torque is 50% greater for
easy removal using same tool
• Audible Click At Torque
• Replaceable Blades
• +/- 10% Repeatability
• Improve Productivity
• Reduces Waste
• Controls Costs
• Save Time!
Uses 285 Series
interchangeable blades on pg. 6
easyTorque Screwdriver Handle
easyTorque value pre-set. Release accuracy
+/- 10%. SoftFinish cushion grip handle for
good power transfer.
292
Item
Pre-Sets
No.
Inch/lbs. Nm mm Inch
29205
4.4
0.5
130 5.1
29206
5.3
0.6
130 5.1
29209
8.0
0.9
130 5.1
29211
9.7
1.1
130 5.1
29212
10.6
1.2
130 5.1
29214
12.4
1.4
130 5.1
29220
17.7
2.0
130 5.1
29225
22.1
2.5
130 5.1
29230
26.6
3.0
130 5.1
29238
33.6
3.8
130 5.1
29241
35.4
4.0
130 5.1
29245
39.8
4.5
130 5.1
29251
44.2
5.0
130 5.1
* No Calibration Certificates
easyTorque Screwdriver Handle With
Blades easyTorque value pre-set.
Release accuracy +/- 10%. Internal
mechanism clicks when torque value has been
attained. Cushion grip comfortable handle for
good power transfer.
292
Item
Pre-Sets
No.
Size Inch/lbs. Nm lbs. pkg.
29232
T5
4.4
0.5
.24
1
29233
T6
5.3
0.6
.24
1
29234
T7
8.0
0.9
.24
1
29236
T8
10.6
1.2
.25
1
29237
T9
12.4
1.4
.25
1
29239
T10
17.7
2.0
.26
1
29242
T15
26.6
3.0
.26
1
29243
T20
35.4
4.0
.26
1
29244
T25
44.2
5.0
.28
1
* No Calibration Certificates
easyTorque Screwdriver Handle With
Blades easyTorque value
pre-set. Release accuracy +/- 10%.
Internal mechanism clicks when torque value
has been attained. Cushion grip comfortable
handle for good power transfer.
292
Item
Pre-Sets
No.
Size Inch/lbs. Nm lbs. pkg.
29246
IP5
4.4
0.5 .24
1
29247
IP6
5.3
0.6 .24
1
29248
IP7
8.0
0.9 .24
1
29249
IP8
10.6
1.2 .25
1
29252
IP9
12.4
1.4 .25
1
29253
IP10
17.7
2.0 .26
1
29254
IP15
26.6
3.0 .26
1
29255
IP20
35.4
4.0 .26
1
29256
IP25
44.2
5.0 .28
1
* No Calibration Certificates
easyTorque Control Handles
Bit Holder Adapter For 1/4” Drive
Bits Shaft CVM steel, hardened, corrosion
protected. (Not for use in Insulated handles)
Item
No.
Size mm
mm lbs. pkg.
28581
1/4
149
4.0
.09 1
28581
Square Drive Adapter For 1/4”
Sockets Shaft CVM steel, hardened, corrosion
protected. (Not for use in Insulated handles)
Item
No.
Size mm
mm lbs. pkg.
28582
1/4
145
4.0
.08 1
28582
Adapter Blade For 4mm MicroBits
Shaft CVM steel, hardened, corrosion
protected. (Not for use in Insulated handles)
Item
No.
Size mm
mm lbs. pkg.
28583
4.0
149
4.0
.09 1
28583
Adapters For TorqueFix™ & TorqueVario™
Wiha TorqueControl Adapters
Torque Cable Key For Threaded
Hex Connectors
For torque controlled fastening of cable plug
connectors with Hex heads. Used with Wiha-
TorqueControl Screwdrivers.
Item
Max
No.
Size
mm mm mm Nm lbs.
28620
8mm
4.0 78 218 1.0 .06
28622
9mm
4.0 78 218 1.0 .06
28624
11mm 4.0 78 218 1.5 .06
28626
12mm 4.0 78 218 1.5 .06
28627
13mm 4.0 78 218 1.5 .06
28629
14mm 4.0 78 218 1.5 .06
28632
17mm 4.0 78 218 1.5 .06
28633
18mm 4.0 78 218 1.5 .06
28637
22mm 4.0 90 233 2.0 .10
286
Torque Cable Key For Threaded
Hex Connectors - Inch
Item
Max
No.
Size mm mm mm Nm lbs.
28644
1/2” 4.0 78 218 1.5 .06
28644
Torque handles recommended
#28552 & #28504
Wiha Torque Cable Keys
www.wihatools.com
lbs. pkg.
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
.20
1
pkg.
1
1
1
1
1
1
1
1
1
pkg.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com