Electronic Components Datasheet Search
  English  ▼

X  

DL2482 Datasheet(PDF) 65 Page - OSRAM GmbH

Part # DL2482
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DL2482 Datasheet(HTML) 65 Page - OSRAM GmbH

Back Button DL2482 Datasheet HTML 61Page - OSRAM GmbH DL2482 Datasheet HTML 62Page - OSRAM GmbH DL2482 Datasheet HTML 63Page - OSRAM GmbH DL2482 Datasheet HTML 64Page - OSRAM GmbH DL2482 Datasheet HTML 65Page - OSRAM GmbH DL2482 Datasheet HTML 66Page - OSRAM GmbH DL2482 Datasheet HTML 67Page - OSRAM GmbH DL2482 Datasheet HTML 68Page - OSRAM GmbH DL2482 Datasheet HTML 69Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
64
6. Accessories
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
In CCG operation, OSRAM DULUX® L and OSRAM DULUX® F lamps require a starter for
ignition. There is a choice of conventional glow starters or what are known as safety star-
ters, such as the OSRAM DEOS® starters. Conventional glow starters should be replaced
whenever lamps are replaced to ensure trouble-free ignition. This is not necessary with
safety starters since they last four times longer than conventional starters. In addition,
safety starters reliably shut down burnt-out or defective lamps in inductive or capacitive
operation, which not only saves the choke but prevents annoying flicker from these lamps
as they reach the end of their life.
OSRAM DULUX® S, D and T (with two-pin bases) have a specially adapted glow starter
integrated in the base which ensures reliable ignition. Therefore they do not require exter-
nal starters.
OSRAM DULUX® S/E, D/E and T/E (with four-pin bases) are designed for ECG operation
and do therefore not have an integrated glow starter.
OSRAM DULUX® S/E, D/E and T/E (13, 18 and 26 W only) can be operated under normal
conditions with conventional control gear and an external starter. However, there are no
special optimised starters available on the market for this application. See also 3.2.3. In
this mode, considerable limitations can therefore be expected, such as greatly reduced
lamp life with electrode blackening and longer ignition times. For this reason, this mode of
operation is not recommended or supported by OSRAM.
6.3
Starters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82