| Electronic Components Datasheet Search |
|
NAV-T Datasheet(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
NAV-T Datasheet(HTML) 1 Page - OSRAM GmbH |
|
|
1 / 1 page ![]() Technical Information VIALOX ® ® ® ® NAV®®®® SUPER 4Y®®®® HID M, release 12/04, subject to modifications Product features: • High pressure sodium lamp 100 Watt • Increased luminous flux compared to standard high pressure sodium lamps • Tubular, clear • Centrally-located, durable ceramic arc tube with integrated strike bar and sodium-amalgam filling • For ignitors from 4 to 5 kV • Maximum lamp diameter 46 mm, maximum length 211 mm • E40 base, nickel-plated brass for corrosion resistance • Nominal luminous flux 10,000 lm • Luminous efficacy 100 lm/W • Light depreciation less than 20% after 16,000 hours of operation • Early failure rate less than 5% after 16,000 hours of operation • Average lifetime 28,000 hours of operation Lamp wattage 100 W System wattage (with CCG) 115 W Lamp voltage 100 V Ignition voltage min./max. 4/5 kVS Lamp current 1.2 A Mains current comp. at cos ϕ ≥ 0,9 0.7 A Nominal luminous flux 10,000 lm Luminous efficacy 100 lm/W Average luminance 470 cd/cm 2 Colour rendering index Light colour/Colour appearance Colour temperature 2,000 K Lead tip spacing 41 mm Light centre a 132 mm Diameter d 46 mm Length max. l 211 mm Base Burning position Max. perm. outer bulb temp. 310 °C Max. perm. base edge temp. 210 °C Comp. cap. at 50 Hz cos ϕ ≥ 0,9 12 µF Average lamp life 28,000 h Failure rate at 16.000 h 5 % Ordering abbreviation EAN 4050300 Standard pack 12 pieces NAV-T 100 SUPER 4Y 015743 4/ ≤25 warmwhite universal E40 NAV-T 100 W SUPER 4Y Tubular, clear 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 0 4000 8000 12000 16000 20000 24000 28000 Typical luminous flux and survival rate Luminous flux Survival rate Hours burned 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 0 4000 8000 12000 16000 20000 24000 28000 Typical luminous flux and survival rate Luminous flux Survival rate Hours burned Survival rate Luminous flux 4,000 h 100% 90% 8,000 h 99% 86% 10,000 h 98% 85% 12,000 h 97% 84% 14,000 h 96% 83% 16,000 h 95% 82% 20,000 h 89% 80% 28,000 h 50% 79% |
Similar Part No. - NAV-T |
|
Similar Description - NAV-T |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |