Electronic Components Datasheet Search
  English  ▼

X  

31120 Datasheet(PDF) 33 Page - Wiha Tools

Part # 31120
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

31120 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 31120 Datasheet HTML 29Page - Wiha Tools 31120 Datasheet HTML 30Page - Wiha Tools 31120 Datasheet HTML 31Page - Wiha Tools 31120 Datasheet HTML 32Page - Wiha Tools 31120 Datasheet HTML 33Page - Wiha Tools 31120 Datasheet HTML 34Page - Wiha Tools 31120 Datasheet HTML 35Page - Wiha Tools 31120 Datasheet HTML 36Page - Wiha Tools 31120 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
33
www.wihatools.com
Wiha SYSTEM 4 Precision
Blades
SYSTEM 4 Metric Hex Sizes,
Interchangeable Blade High alloy CVM steel,
hardened, corrosion protected.
Item
No.
mm
mm Inch
lbs.
26913
0.7
120
4.7
.06
26914
0.9
120
4.7
.06
26916
1.5
120
4.7
.06
26917
2.0
120
4.7
.06
26918
2.5
120
4.7
.06
26919
3.0
120
4.7
.06
26920
4.0
120
4.7
.06
269
SYSTEM 4 Inch Hex Sizes,
Interchangeable Blade High alloy CVM steel,
hardened, corrosion protected.
Item
No.
Inch
mm
Inch lbs.
26921
.050
120
4.7
.06
26923
1/16
120
4.7
.06
26924
5/64
120
4.7
.06
26925
3/32
120
4.7
.06
26926
7/64
120
4.7
.06
26927
1/8
120
4.7
.06
26928
9/64
120
4.7
.06
26929
5/32
120
4.7
.06
269
SYSTEM 4
Reversible
Blade High alloy CVM steel, hardened,
vapor chrome protected, Wiha vapor
Chrome-Top finish on tips. 120mm/4.7” OAL.
Item
No.
Size
Size
lbs.
26951
T6 + T8
.03
26952
T7 + T9
.03
26953
T10 + T15
.03
26954
T15 + T20
.03
SYSTEM 4
Interchangeable
Blade High alloy CVM steel, hardened,
Wiha vapor Chrome-Top finish on tips.
120mm/4.7” OAL
Item
No.
Size lbs.
26955
T3
.03
26956
T4
.03
26957
T5
.03
269
269
Wiha SYSTEM 4 Drive-Loc Precision Locking Tools
ESD Safe Dissipative Precision
Drive-Loc Handle Surface resistant
106-109 Ohms. 4 mm hex retainer for all
SYSTEM 4 interchangeable blades. Ball
retainer hold. 105mm/4.13” OAL
Item
No.
mm Inch
mm Inch lbs.
26961
4.0 .1574 23
.91
.08
26961
D
SYSTEM 4 Slotted Drive-Loc
Reversible Locking Blades On 4mm Hex
Item
No.
mm
mm
lbs.
26958
1.5 + 3.0
.02
26959
2.0 + 3.5
.02
26960
2.5 + 4.0
.02
269
SYSTEM 4
Drive-Loc
Reversible Locking Blades On 4mm Hex
Item
No.
Size
Size
lbs.
26977
T1 + T2
.02
26978
T3 + T4
.02
26979
T5 + T6
.02
26980
T6 + T8
.02
26981
T7 + T9
.02
26982
T10 + T15
.02
26983
T15 + T20
.02
269
SYSTEM 4 Phillips Drive-Loc
Reversible Locking Blades On 4mm Hex
Item
No.
Size
Size
lbs.
26975
000 + 00
.02
26976
0
+
1
.02
269
SYSTEM 4 Pozidriv® Drive-Loc
Reversible Locking Blades On 4mm Hex
Item
No.
Size
Size
lbs.
28002
0
+
1
.02
280
SYSTEM 4 Metric Ball End Hex & Hex
Metric Drive-Loc Reversible Locking Blades
On 4mm Hex blades
Item
No.
mm
mm
lbs.
28003
1.3
+
1.3
.02
28004
1.5
+
1.5
.02
28005
2.0
+
2.0
.02
28006
2.5
+
2.5
.02
28007
3.0
+
3.0
.02
28008
4.0
+
4.0
.02
SYSTEM 4 Metric Nut Drivers
Drive-Loc Locking Blades
On 4mm Hex blades
Item
No.
mm
mm lbs.
28009
1.5 + 1.8 .02 Reversible
28010
2.0 + 2.5 .02 Reversible
28011
3.0 + -
.02
28012
3.2 + -
.02
28013
3.5 + -
.02
28014
4.0 + -
.02
28015
4.5 + -
.02
28016
5.0 + -
.02
28017
5.5 + -
.02
280
280
Blade lengths can be adjusted from 18mm (.7”) to 90mm (3.5”) Max. In 3mm increments
SoftFinish® Cushion Grip
Drive-Loc Handle 4 mm hex retainer for
all SYSTEM 4 interchangeable blades. Ball
retainer hold. 105mm/4.13” OAL
Item
No.
mm Inch
mm Inch lbs.
26906
4.0 .1574 23
.91
.08
26906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com