Electronic Components Datasheet Search
  English  ▼

X  

28613 Datasheet(PDF) 14 Page - Wiha Tools

Part # 28613
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28613 Datasheet(HTML) 14 Page - Wiha Tools

Back Button 28613 Datasheet HTML 10Page - Wiha Tools 28613 Datasheet HTML 11Page - Wiha Tools 28613 Datasheet HTML 12Page - Wiha Tools 28613 Datasheet HTML 13Page - Wiha Tools 28613 Datasheet HTML 14Page - Wiha Tools 28613 Datasheet HTML 15Page - Wiha Tools 28613 Datasheet HTML 16Page - Wiha Tools 28613 Datasheet HTML 17Page - Wiha Tools 28613 Datasheet HTML 18Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
ESD Safe TorqueVario-S, With
Window Scale EN ISO 6789, BS EN 26789,
ASME B107.14M, +/- 6% Accuracy.
Ergonomic multi-component handle, light
and compact. Handle sizes proportioned to
optimize torque range. Audible & perceptible
click when torque setting has been attained.
With Certificate of accuracy.
Pkg. 1
285
Item
Range
No.
Inch lbs.
Increments mm
28522* 15 - 80(in/oz) 2.5 In.oz. 122-127
28524 5 - 10
.2 In.lbs. 122-127
24 Piece ESD Safe Adjustable
TorqueVario-S Bit Set
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder and
Torque adjustment tool, packed in a compact
durable storage box.
Item
Slotted: 1.5, 2.0, 3.0, 4.0mm
No.
Phillips: #00, #0, #1
28591
: T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64, 3/32,
lbs.
7/64, 1/8, 9/64, 5/32”
1.57
28524 - Handle ESD Safe
Range 5 - 10 Inch lbs.
28591
24 Piece ESD Safe Adjustable
TorqueVario-S Bit Set
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder and
Torque adjustment tool, packed in a compact
durable storage box.
Item No. Slotted: 0.8, 1.2, 1.5, 2.0mm
28895
Phillips: #000, #00, #0
: T1, T2, T3, T4, T5, T6
lbs.
Hex Metric: 0.7, 0.9, 1.3mm
1.30
Pentalobe: PL1, PL2, PL3, PL4
28500 - Handle ESD Safe
.04 - .46Nm (+/-10%)
28895
Each TorqueVario handle has unique serial
number and certificate of calibration
ESD Safe Adjustable TorqueControl Tools
Includes Certificate
With Certificate
of Calibration
With Certificate
of Calibration
24 Piece TorqueVario-S ESD Safe
Micro-Bit Set
Certified to EN ISO 6789, BS EN 26789,
ASME B107.14M. Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 21 Micro Bits, Micro Bit holder and
Torque adjustment tool.
Item
Slotted: 1.5, 2.0, 3.0, 4.0mm
No.
Phillips: #00, #0, #1
28890
: T6, T7, T8, T9, T10, T15
Hex Inch: .050, 1/16, 5/64, 3/32,
lbs.
7/64, 1/8, 9/64, 5/32”
1.35
28522 - ESD Safe Handle Range
15-80 Inch/oz.
28890
Packed in
a compact
durable
storage box
D
D
D
+/- 10%
With Certificate
of Calibration
D
Item
Range
No.
Inch lbs.
Increments mm
28426 5 - 18
.5 In.lbs. 126-131
Insulated Torque Ratchet
Wrenches, 1/4, 3/8, 1/2” Drives Insulated
to EN/IEC 60900:2004, ASTM F1505-10,
CSA Standards Visible reading scale for
easy reading and adjustment. Locking endcap
Torque adjuster for easy adjustment. Accuracy
+/- 10%. Dual scale reading Ft. lbs. / Nm.
Item
OAL OAL
No.
Inch mm Inch Nm
lbs.
1/4” 210 8.25 5-25
1.02
3/8” 370 14.5 5-50
2.72
1/2” 530 21.0 40-220 3.64
1000Volt
Wiha Insulated Torque
Ratchet Wrenches
#30138
#30114
301
30114
30138
30152
1000Volt
16 Pc. Inch Insulated 3/8” Drive
Ratcheting Torque Wrench & Socket Set
CV steel, forged, oil-hardened sockets.
Item No. 3/8” Drive Sockets:
1/4, 9/32, 5/16, 11/32, 3/8, 7/16
1/2, 9/16, 5/8, 11/16, 3/4, 13/16, 7/8”
lbs.
3/8” x 125mm Extension Bar
8.80
3/8” x 250mm Extension Bar
3/8” Drive Ratcheting Torque
Wrench - 5-50 Nm
*Sockets must be used with insulated ratchets & extensions
30190
30190
16 Pc. Metric Insulated 3/8” Drive
Ratcheting Torque Wrench & Socket Set
Item No. 3/8” Drive Sockets:
8, 9, 10, 11, 12, 13, 14, 15, 16,
17, 18, 19, 20mm
lbs.
3/8” x 125mm Extension Bar
8.80
3/8” x 250mm Extension Bar
3/8” Drive Ratcheting Torque
Wrench - 5-50 Nm
*Sockets must be used with insulated ratchets & extensions
1000Volt
30192
30192
Toll Free: (800) 494-6104
lbs.
.33
.34
lbs.
.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com