Electronic Components Datasheet Search
  English  ▼

X  

28618 Datasheet(PDF) 10 Page - Wiha Tools

Part # 28618
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28618 Datasheet(HTML) 10 Page - Wiha Tools

Back Button 28618 Datasheet HTML 6Page - Wiha Tools 28618 Datasheet HTML 7Page - Wiha Tools 28618 Datasheet HTML 8Page - Wiha Tools 28618 Datasheet HTML 9Page - Wiha Tools 28618 Datasheet HTML 10Page - Wiha Tools 28618 Datasheet HTML 11Page - Wiha Tools 28618 Datasheet HTML 12Page - Wiha Tools 28618 Datasheet HTML 13Page - Wiha Tools 28618 Datasheet HTML 14Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
53 Pc. Set
53 Piece TorqueVario-S Bit Set, In
Storage Box Set includes ergonomic
multi-component adjustable TorqueVario-S
handle, 50 Insert bits, 1/4” Bit holder and
Torque adjustment tool.
Item
Slotted: 4.5, 5.5, 6.5, 8.0mm
No.
Phillips: #0, #1, #2, #3
28595
: T6, T7, T8, T9, T10, T15,
T20, T25, T27, T30
lbs.
Hex Inch: 1/16, 5/64, 3/32, 7/64,
2.04
1/8, 9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0mm
Pozidriv®: #0, #1, #2, #3
Torq Set: #4, #5, #6, #8
Square: #1, #2, #3
Tri-Wing: #0, #1, #2, #3, #4
28506 - Handle Range 10-50 In/lbs.
28581 - 1/4” Bit Holder
28595
With Certificate of Calibration
59 Piece TorqueVario-S Bit Set,
In Storage Box Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M. Set includes
3 ergonomic multi-component adjustable
TorqueVario-S handles, 39 Insert bits,
15 Sockets, 1/4” Bit holder, 1/4” Hex to 1/4”
Square adapter and Torque adjustment tool.
Item
Slotted: 4.5, 5.5, 6.0mm
No.
Phillips: #0, #1, #2
28589
: T5, T6, T7, T8, T9, T10,
T15, T20, T25, T30
lbs.
Hex Inch: .050, 1/16, 5/64, 3/32,
2.73
7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0mm
Pozidriv®: #1, #2
Square: #1, #2, #3
Inch Sockets: 5/32, 3/16, 7/32, 1/4,
9/32, 5/16, 3/8”
Metric Sockets: 4.0, 4.5, 5.0, 5.5,
6.0, 7.0, 8.0mm
3 Handles: 15 - 80 In/oz.,
5 - 10 & 10 - 50 In/lbs.
1/4” Bit Holder
1/4” Hex to 1/4” Square adapter
28589
With Certificate of Calibration
59 Pc.
Set
Wiha Adjustable TorqueControl Tool Sets In Durable Storage Cases
59 Piece Torque Newton Meter
Bit Set, In Storage Box Certified to EN
ISO 6789, BS EN 26789, ASME B107.14M.
Set includes 3 ergonomic multi-component
adjustable Torque Nm handles, 39 Insert bits,
15 Sockets, 1/4” Bit holder, 1/4” Hex to 1/4”
Square adapter and Torque adjustment tool.
Item
Slotted: 4.5, 5.5, 6.0mm
No.
Phillips: #0, #1, #2
28689
: T5, T6, T7, T8, T9, T10,
T15, T20, T25, T30
lbs.
Hex Inch: .050, 1/16, 5/64, 3/32,
2.73
7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0mm
Pozidriv®: #1, #2
Square: #1, #2, #3
Inch Sockets: 5/32, 3/16, 7/32, 1/4,
9/32, 5/16, 3/8”
Metric Sockets: 4.0, 4.5, 5.0, 5.5,
6.0, 7.0, 8.0mm
3 Handles: 0.1-0.6 Nm,
0.4-1.0 Nm & 1.0-5.0 Nm
1/4” Bit Holder
1/4” Hex to 1/4” Square adapter
28689
59 Pc.
Set
With Certificate
of Calibration
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com