Electronic Components Datasheet Search
  English  ▼

X  

35802 Datasheet(PDF) 26 Page - Wiha Tools

Part # 35802
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35802 Datasheet(HTML) 26 Page - Wiha Tools

Back Button 35802 Datasheet HTML 22Page - Wiha Tools 35802 Datasheet HTML 23Page - Wiha Tools 35802 Datasheet HTML 24Page - Wiha Tools 35802 Datasheet HTML 25Page - Wiha Tools 35802 Datasheet HTML 26Page - Wiha Tools 35802 Datasheet HTML 27Page - Wiha Tools 35802 Datasheet HTML 28Page - Wiha Tools 35802 Datasheet HTML 29Page - Wiha Tools 35802 Datasheet HTML 30Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
Toll Free: (800) 494-6104
7 Piece Precision Slotted &
Phillips Set Blade high alloy chrome-
vanadium-molybdenum steel.
Item No.
26092
Slotted:
lbs.
2.5 x 50mm,
.30
2.5, 3.0, 4.0 x 100mm
3.0, 4.0 x 150mm
Phillips:
0 x 75mm
26092
5 Piece Precision Slotted &
Phillips Set Blade high alloy chrome-
vanadium-molybdenum steel.
Item
Slotted:
No.
2.5, 3.0, 4.0 x 150mm
lbs. .44
26192
Phillips:
0, 1 x 150mm
26192
4 Piece Precision Phillips Set
Blade high alloy chrome-vanadium-
molybdenum steel. Hard chrome finished.
Item
Phillips:
No.
000, 00 x 40mm
lbs.
26194
0 x 50mm, 1 x 60mm
.18
26194
Wiha Precision Slotted/
Phillips Drivers
Wiha Pozidriv®
Precision Series
Pozidriv® Screwdriver, With
Precision Handle Blade high alloy chrome-
vanadium-molybdenum steel.
Pkg. 10
Item
No.
Size mm Inch mm Inch mm Inch
26205
0
50 2.0
3.0 .12 145 5.7
26210
1
60 2.4
4.0 .16 170 6.7
*Metric dimensions actual - Inch dimensions approximate
262
Inch Hex Driver, With Precision
Handle Inch sizes. Blade high alloy chrome-
vanadium-molybdenum steel.
Pkg. 10
Item
No.
Inch mm mm Inch mm Inch
26307
0.028 0.7
40
1.6 120 4.7
26309
0.035 0.9
40
1.6 120 4.7
26313
0.05
1.3
40
1.6 120 4.7
26316
1/16
-
50
2.0 145 5.7
26320
5/64
2.0
50
2.0 145 5.7
26323
3/32
-
60
2.4 170 6.7
26327
7/64
-
60
2.4 170 6.7
26331
1/8
-
60
2.4 170 6.7
26333
9/64
60
2.4 170 6.7
26336
5/32
60
2.4 170 6.7
*Metric dimensions actual - Inch dimensions approximate
263 Inch
8 Pc. Precision Hex Driver Set -
Inch Blade high alloy chrome-vanadium-
molybdenum steel.
Item No.
26391
Hex Inch:
lbs.
.028, .035, .050 x 1.6”
.32
1/16, 5/64 x 2.0”
3/32, 7/64, 1/8 x 2.4”
26391
8 Pc. Precision Hex Driver Set -
Inch Blade high alloy CVM steel. Hard chrome
finished. In canvas storage pouch
Item No. Hex Inch:
26399
.028, .035, .050 x 1.6”
lbs. .55
1/16, 5/64 x 2.0”, 3/32, 7/64, 1/8 x 2.4”
26399
Wiha Hex Inch & Metric Precision Series
26390
Metric Hex Driver, With
Precision Handle Metric sizes. Blade high
alloy chrome-vanadium-molybdenum steel.
Item
No.
mm Inch mm Inch mm Inch
26307
.7
.028 40
1.6 120 4.7
26309
.9
.035 40
1.6 120 4.7
26313
1.3 .050 40
1.6 120 4.7
26315
1.5 -
50
2.0 145 5.7
26320
2.0 5/64 50
2.0 145 5.7
26325
2.5 -
60
2.4 170 6.7
26330
3.0 -
60
2.4 170 6.7
26340
4.0 -
60
2.4 170 6.7
*Metric dimensions actual - Inch dimensions approximate
7 Pc. Precision Hex Driver Set -
Metric Blade high alloy chrome-vanadium-
molybdenum steel.
Item No.
26390
Hex Metric:
lbs.
.7, .9, 1.3 x 40mm
.28
1.5, 2.0 x 50mm
2.5, 3.0 x 60mm
263 Metric
Rugged Polyester Canvas Storage
Pouch Holds 8 Precision Tools up to 170mm
in length. Folding pouch. Has security flaps
and velcro closer.
Item
No.
Size
lbs.
pkg.
91118
14 1/2” W x 7 3/4” L
.13
1
91118
lbs.
.03
.05
lbs.
.02
.02
.02
.03
.03
.04
.04
.04
.05
.05
lbs. pkg.
.02 10
.02 10
.02 10
.03 10
.03 10
.04 10
.04 10
.05 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com