Electronic Components Datasheet Search
  English  ▼

X  

30550 Datasheet(PDF) 27 Page - Wiha Tools

Part # 30550
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30550 Datasheet(HTML) 27 Page - Wiha Tools

Back Button 30550 Datasheet HTML 23Page - Wiha Tools 30550 Datasheet HTML 24Page - Wiha Tools 30550 Datasheet HTML 25Page - Wiha Tools 30550 Datasheet HTML 26Page - Wiha Tools 30550 Datasheet HTML 27Page - Wiha Tools 30550 Datasheet HTML 28Page - Wiha Tools 30550 Datasheet HTML 29Page - Wiha Tools 30550 Datasheet HTML 30Page - Wiha Tools 30550 Datasheet HTML 31Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
27
www.wihatools.com
Ball End Hex Metric Screwdriver
With Precision Handle Angle entry up to 30°.
Blade high alloy CVM steel.
Item
No.
mm Inch mm Inch mm Inch
26413
1.3 .050 40
1.6
120 4.7
26415
1.5 -
50
2.0
145 5.7
26420
2.0 -
50
2.0
145 5.7
26425
2.5 -
60
2.4
170 6.7
26430
3.0 -
60
2.4
170 6.7
26440
4.0
60
2.4
170 6.7
*Metric dimensions actual - Inch dimensions approximate
Ball End Hex Inch Screwdriver
With Precision Handle Angle entry up to
30°. Blade high alloy chrome-vanadium-
molybdenum steel. Hard chrome finish.
Item
No.
Inch
mm Inch mm Inch
26413
.050
40
1.6
120 4.7
26416
1/16
50
2.0
145 5.7
26419
5/64
50
2.0
145 5.7
26423
3/32
50
2.0
145 5.7
26427
7/64
60
2.4
170 6.7
26431
1/8
60
2.4
170 6.7
26436
9/64
60
2.4
170 6.7
26439
5/32
60
2.4
170 6.7
*Metric dimensions actual - Inch dimensions approximate
5 Piece Ball End Hex Driver Set -
Metric Angle entry up to 30°.
Blade high alloy chrome-vanadium-
molybdenum-steel.
Item
No.
Ball End Hex Metric:
lbs.
26491
1.3 x 40mm
.31
1.5, 2.0 x 50mm
2.5, 3.0 x 60mm
8 Piece Ball End Hex Driver Set -
Inch Angle entry up to 30°.
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
Hex Inch: .050 x 1.6,
lbs.
26490
1/16, 5/64, 3/32 x 2.0,
.40
7/64, 1/8, 9/64,
5/32 x 2.4”
26490
26491
264 Inch
30°
264 Metric
Wiha Ball End Precision Series
8 Pc. Ball End Hex Driver Set - Inch
Blade high alloy chrome-vanadium-molybdenum
steel. Hard chrome finished.
Item
Ball End Hex Inch:
lbs.
No.
.050 x 1.6”
.62
26499
1/16, 5/64, 3/32 x 2.0”
7/64, 1/8, 9/64, 5/32 x 2.4”
26499
In canvas
storage
pouch
30°
6 Pc.
Screwdriver Set
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
:
lbs.
26790
T6, T7, T8 x 40mm
.30
T9, T10 x 50mm
T15 x 60mm
7 Pc.
Screwdriver Set
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
:
lbs.
26792
T5, T6, T7, T8 x 40mm
.33
T9, T10 x 50mm
T15 x 60mm
Screwdriver, With Precision
Handle Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
Size mm Inch mm Inch lbs. pkg.
26701
T1
40 1.6 120 4.7 .01 10
26702
T2
40 1.6 120 4.7 .02 10
26703
T3
40 1.6 120 4.7 .02 10
26704
T4
40 1.6 120 4.7 .02 10
26705
T5
40 1.6 120 4.7 .02 10
26706
T6
40 1.6 120 4.7 .02 10
26707
T7
40 1.6 120 4.7 .02 10
26708
T8
40 1.6 120 4.7 .03 10
26709
T9
50 2.0 145 5.7 .03 10
26710
T10 50 2.0 145 5.7 .03 10
26715
T15 60 2.4 170 6.7 .05 10
26720
T20 60 2.4 170 6.7 .05 10
*Metric dimensions actual - Inch dimensions approximate
267
26790
26792
Wiha
Precision Series
8 Pc.
Screwdriver Set
Blade high alloy chrome-vanadium-
molybdenum steel. Hard chrome finished.
In canvas storage pouch
Item
: T3, T4, T5,
No.
T6, T7, T8 x 40mm
lbs.
26799
T9 x T10 x 50mm
.50
26799
Set 8 Pcs.
Screwdriver Set
Item No.
T1, T2, T3, T4,
26791
T5, T6, T7, T8
26791
Wiha
Precision Series
lbs. Pkg.
.02
10
.03
10
.03
10
.03
10
.03
10
.05
10
.05
10
.05
10
lbs. Pkg.
.02 10
.03 10
.03 10
.04 10
.05 10
.05 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com