Electronic Components Datasheet Search
  English  ▼

X  

NPS3005GPZ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NPS3005GPZ
Description  0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NPS3005GPZ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NPS3005GPZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved NPS3005GPZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Nexperia
NPS3005
0.5 V to 5.5 V, 6 A, 15 mΩ, single channel load switch with soft start
9. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VIN
input voltage
–0.3
6
V
VOUT
output voltage
–0.3
6
V
VBIAS
bias voltage
–0.3
6
V
VEN
enable voltage
–0.3
6
V
IMAX
maximum continuous switch current
-
6
A
IPLS
maximum pulsed switch current
pulse <300 µs; 2% duty
cycle
-
8
A
Tj
junction temperature
-
150
°C
Tstg
storage temperature
–65
150
°C
[1] Stresses beyond those listed under Limiting values may cause permanent damage to the device. These are stress ratings only,
which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
10. ESD ratings
Table 6. ESD ratings
Symbol
Parameter
Conditions
Value
Unit
HBM: ANSI/ESDA/JEDEC JS-001 class 2
±2000
V
VESD
electrostatic discharge voltage
CDM: ANSI/ESDA/JEDEC JS-002 class C3
±1000
V
11. Recommended operating conditions
Table 7. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIN
input voltage
0.5
VBIAS
V
VBIAS
bias voltage
1.5
5.5
V
VEN
enable voltage
0
5.5
V
VOUT
output voltage
-
VIN
V
VIH
HIGH level input voltage
EN pin
1
5.5
V
VIL
LOW level input voltage
EN pin
0
0.4
V
Tamb
ambient temperature
–40
105
°C
12. Recommended components
Table 8. Recommended components
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CIN
capacitor on pin IN
-
1
-
μF
COUT
capacitor on pin OUT
-
0.1
-
μF
CBIAS
capacitor on pin BIAS
-
1
-
μF
CSS
capacitor on pin SS
0
-
100
nF
NPS3005
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1.1 — 10 June 2025
4 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com